Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1031C Datasheet(PDF) 10 Page - Linear Technology

Part # LT1031C
Description  Precision 10V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1031C Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1031C Datasheet HTML 4Page - Linear Technology LT1031C Datasheet HTML 5Page - Linear Technology LT1031C Datasheet HTML 6Page - Linear Technology LT1031C Datasheet HTML 7Page - Linear Technology LT1031C Datasheet HTML 8Page - Linear Technology LT1031C Datasheet HTML 9Page - Linear Technology LT1031C Datasheet HTML 10Page - Linear Technology LT1031C Datasheet HTML 11Page - Linear Technology LT1031C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1031/LH0070
1031fb
APPLICATIO CIRCUITS
Negative Shunt Reference Driven
by Current Source
LT1031 • AC08
LM334
2.5mA
27
–10V (ILOAD ≤ 1mA)
–11V TO –40V
LT1031
OUT
GND
2-Pole Lowpass Filtered Reference
+
LT1031 • AC07
R1
36k
R2
36k
MYLAR
1
µF
f = 10Hz
VIN
VIN
+VREF
–VREF
0.5
µF
MYLAR
TOTAL NOISE
≤ 2µVRMS
1Hz
≤ f ≤ 10kHz
LT1031
LT1001
GND
IN
OUT


Similar Part No. - LT1031C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1031C LINER-LT1031C Datasheet
631Kb / 12P
   Precision 10 Volt Reference
LT1031CCH LINER-LT1031CCH Datasheet
631Kb / 12P
   Precision 10 Volt Reference
LT1031CMH LINER-LT1031CMH Datasheet
631Kb / 12P
   Precision 10 Volt Reference
More results

Similar Description - LT1031C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
logo
Analog Devices
REF-01 AD-REF-01 Datasheet
296Kb / 7P
   10V Precision Viltage Reference
REV. B
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
[Old version datasheet]   10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com