Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1033CK Datasheet(PDF) 5 Page - Linear Technology

Part # LT1033CK
Description  3A Negative Adjustable Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1033CK Datasheet(HTML) 5 Page - Linear Technology

  LT1033CK Datasheet HTML 1Page - Linear Technology LT1033CK Datasheet HTML 2Page - Linear Technology LT1033CK Datasheet HTML 3Page - Linear Technology LT1033CK Datasheet HTML 4Page - Linear Technology LT1033CK Datasheet HTML 5Page - Linear Technology LT1033CK Datasheet HTML 6Page - Linear Technology LT1033CK Datasheet HTML 7Page - Linear Technology LT1033CK Datasheet HTML 8Page - Linear Technology LT1033CK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1033
1033fc
C3
2
µF
VREF
–VOUT
–VIN
IADJ
R2
R1
C1
10
µF
C2
5
µF
LT1033 • F01
+
+
+
ADJ
LT1033
EXAMPLE:
1. A PRECISION 10V REGULATOR TO SUPPLY UP TO 3A LOAD CURRENT.
A. SELECT R1 = 100
Ω TO MINIMIZE EFFECT OF IADJ
B. CALCULATE R2 =
VOUT – VREF
VREF
R1
=
= 704
– IADJ
VIN
VOUT
10V – 1.25V
1.25V
100
– 65
µA
Figure 1
Output Voltage
The output voltage is determined by two external resis-
tors, R1 and R2 (see Figure 1). The exact formula for the
output voltage is:
VV
R
R
IR
OUT
REF
ADJ
=+


+
()
1
2
1
2
Where: VREF = Reference Voltage, IADJ = Adjustment Pin
Current. In most applications, the second term is small
enough to be ignored, typically about 0.5% of VOUT. In
more critical applications, the exact formula should be
used, with IADJ equal to 65µA. Solving for R2 yields:
R
VV
V
R
I
OUT
REF
REF
ADJ
2
1
=
Smaller values of R1 and R2 will reduce the influence of
IADJ on the output voltage, but the no-load current drain on
the regulator will be increased. Typical values for R1 are
between 100
Ω and 300Ω, giving 12.5mA and 4.2mA
no-load current respectively. There is an additional con-
sideration in selecting R1, the minimum load current
specification of the regulator. The operating current of the
LT1033 flows from input to output. If this current is not
absorbed by the load, the output of the regulator will rise
above the regulated value. The current drawn by R1 and R2
is normally high enough to absorb the current, but care
must be taken in no-load situations where R1 and R2 have
high values. The maximum value for the operating current,
which must be absorbed, is 5mA for the LT1033. If input-
output voltage differential is less than 10V, the operating
current that must be absorbed drops to 3mA.
Capacitors and Protection Diodes
An output capacitor, C3, is required to provide proper
frequency compensation of the regulator feedback loop.
A 2
µF or larger solid tantalum capacitor is generally
sufficient for this purpose if the 1MHz impedance of the
capacitor is 1
Ω or less. High Q capacitors, such as Mylar,
are not recommended because their extremely low ESR
(effective series resistance) can drastically reduce phase
margin. When these types of capacitors must be used
because of other considerations, add a 0.5
Ω carbon
resistor in series with 1
µF. Aluminum electrolytic capaci-
tors may be used, but the minimum value should be 25
µF
to ensure a low impedance at 1MHz. The output capacitor
should be located within a few inches of the regulator to
keep lead impedance to a minimum. The following caution
should be noted: if the output voltage is greater than 6V
and an output capacitor greater than 20
µF has been used,
it is possible to damage the regulator if the input voltage
becomes shorted, due to the output capacitor discharging
into the regulator. This can be prevented by using diode D1
(see Figure 2) between the input and the output.
The input capacitor, C2, is only required if the regulator is
more than 4 inches from the raw supply filter capacitor.
Bypassing the Adjustment Pin
The adjustment pin of the LT1033 may be bypassed with
a capacitor to ground, C1, to reduce output ripple, noise,
and impedance. These parameters scale directly with
output voltage if the adjustment pin is not bypassed. A
bypass capacitor reduces ripple, noise and impedance to
that of a 1.25V regulator. In a 15V regulator for example,
these parameters are improved by 15V/1.25V = 12 to 1.
This improvement holds only for those frequencies where
the impedance of the bypass capacitor is less than R1. Ten
microfarads is generally sufficient for 60Hz power line
applications where the ripple frequency is 120Hz, since
XC = 130Ω. The capacitor should have a voltage rating at
least as high as the output voltage of the regulator. Values
APPLICATIONS INFORMATION


Similar Part No. - LT1033CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1033CK LINER-LT1033CK Datasheet
496Kb / 8P
   3A. Negative Adjustable Regulator
More results

Similar Description - LT1033CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1033 LINER-LT1033_15 Datasheet
203Kb / 12P
   3A Negative Adjustable Regulator
LT1033 LINER-LT1033 Datasheet
496Kb / 8P
   3A. Negative Adjustable Regulator
LT137A LINER-LT137A Datasheet
795Kb / 8P
   Negative Adjustable Regulator
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
RH137 LINER-RH137 Datasheet
163Kb / 4P
   Negative Adjustable Regulator
LM337 LINER-LM337_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
LT137A LINER-LT137A_1 Datasheet
167Kb / 12P
   Negative Adjustable Regulator
RH137 LINER-RH137_15 Datasheet
93Kb / 2P
   Negative Adjustable Regulator
LT137A LINER-LT137A_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
LT337A LINER-LT337A_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com