Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST13LP05 Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST13LP05 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
11
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
FIGURE 8: Low Band EMV versus Output Power
FIGURE 9: Low Band 802.11b Spectrum Mask at 23 dBm with DC Current of 220 mA
EVM versus Output Power
0
1
2
3
4
5
6
7
8
9
10
9
101112131415
161718
19
20
21
22
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
1318 F9.1
-70
-60
-50
-40
-30
-20
-10
0
10
2.35
2.40
2.45
2.50
2.55
Frequency (GHz)
Freq = 2.412 GHz
Freq = 2.442 GHz
Freq = 2.484 GHz
1318 F11 0


Similar Part No. - SST13LP05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results

Similar Description - SST13LP05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
   2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812-BLKG AVAGO-ALM-2812-BLKG Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
DEMO-ALM-2X12 BOARDCOM-DEMO-ALM-2X12 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com