Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF3202-90-4C-EK Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST39VF3202-90-4C-EK
Description  16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF3202-90-4C-EK Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST39VF3202-90-4C-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF3202-90-4C-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF3202-90-4C-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF3202-90-4C-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF3202-90-4C-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF3202-90-4C-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF3202-90-4C-EK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF3202-90-4C-EK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF3202-90-4C-EK Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
Data Sheet
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus
SST39VF1601 / SST39VF3201 / SST39VF6401
SST39VF1602 / SST39VF3202 / SST39VF6402
©2005 Silicon Storage Technology, Inc.
S71223-04-000
11/05
TABLE
4: PIN DESCRIPTION
Symbol
Pin Name
Functions
AMS1-A0
Address Inputs
To provide memory addresses.
During Sector-Erase AMS-A11 address lines will select the sector.
During Block-Erase AMS-A15 address lines will select the block.
DQ15-DQ0
Data Input/output
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
WP#
Write Protect
To protect the top/bottom boot block from Erase/Program operation when grounded.
RST#
Reset
To reset and return the device to Read mode.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V
VSS
Ground
NC
No Connection
Unconnected pins.
T4.2 1223
1. AMS = Most significant address
AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402
TABLE
5: OPERATION MODES SELECTION
Mode
CE#
OE#
WE#
DQ
Address
Read
VIL
VIL
VIH
DOUT
AIN
Program
VIL
VIH
VIL
DIN
AIN
Erase
VIL
VIH
VIL
X1
1. X can be VIL or VIH, but no other value.
Sector or block address,
XXH for Chip-Erase
Standby
VIH
X
X
High Z
X
Write Inhibit
X
VIL
X
High Z/ DOUT
X
XX
VIH
High Z/ DOUT
X
Product Identification
Software Mode
VIL
VIL
VIH
See Table 6
T5.0 1223


Similar Part No. - SST39VF3202-90-4C-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF3202-90-4C-EK SST-SST39VF3202-90-4C-EK Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3202-90-4C-EKE SST-SST39VF3202-90-4C-EKE Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
More results

Similar Description - SST39VF3202-90-4C-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com