Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1019MH-10 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1019MH-10
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1019MH-10 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1019MH-10 Datasheet HTML 2Page - Linear Technology LT1019MH-10 Datasheet HTML 3Page - Linear Technology LT1019MH-10 Datasheet HTML 4Page - Linear Technology LT1019MH-10 Datasheet HTML 5Page - Linear Technology LT1019MH-10 Datasheet HTML 6Page - Linear Technology LT1019MH-10 Datasheet HTML 7Page - Linear Technology LT1019MH-10 Datasheet HTML 8Page - Linear Technology LT1019MH-10 Datasheet HTML 9Page - Linear Technology LT1019MH-10 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1019
1019fd
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
JUNCTION TEMPERATURE (°C)
–50
0.40
0.45
0.55
0.60
0.65
0.90
0.75
0
50
75
LT1019 • TPC10
0.50
0.80
0.85
0.70
–25
25
100
125
Temp Pin Voltage
INPUT VOLTAGE (V)
0
–30
–20
0
20
40
140
80
10
20
25
LT1019 • TPC11
–10
100
120
60
515
30
35
40
LT1019-2.5
LT1019-5
IOUT
TJ = 25°C
LT1019-10
Line Regulation
LT1019-2.5* Stability with
Output Capacitance
*LT1019-4.5/LT1019-5/LT1019-10 ARE STABLE
WITH ALL LOAD CAPACITANCE.
OUTPUT CURRENT (mA)
0.01
0.1
20
0
10
1019 G12
0.001
10
20
0.0001
1
10
15
5
5
15
SINK CURRENT
SOURCE CURRENT
REGION OF POSSIBLE
INSTABILITY
VIN
1.188V
VOUT
GND
R2
LT1019-4.5, LT1019-5,
LT1019-10 = 5k
LT1019-2.5 = 10k
R3
80k
TRIM
LT1019-2.5 = 11k
LT1019-4.5 = 13.9k
LT1019-5 = 16k
LT1019-10 = 37.1k
R1
LT1019 • BD
BLOCK DIAGRA
APPLICATIO S I FOR ATIO
Line and Load Regulation
Line regulation on the LT1019 is nearly perfect. A 10V
change in input voltage causes a typical output shift of less
than 5ppm. Load regulation (sourcing current) is nearly as
good. A 5mA change in load current shifts output voltage
by only 100µV. These are electrical effects, measured with
low duty cycle pulses to eliminate heating effects. In real
world applications, the
thermal effects of load and line
changes must be considered.
Two separate thermal effects are evident in monolithic
circuits. One is a gradient effect, where power dissipation
on the die creates temperature gradients. These gradients
can cause output voltage shifts
even if the overall tempera-
ture coefficient of the reference is zero. The LT1019, unlike
previous references, specifies thermal regulation caused
by die temperature gradients.The specification is
0.5ppm/mW. To calculate the effect on output voltage,
simply multiply the
change in device power dissipation by


Similar Part No. - LT1019MH-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1019MH-10 LINER-LT1019MH-10 Datasheet
158Kb / 12P
   Precision Reference
More results

Similar Description - LT1019MH-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com