Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1025CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1025CS8
Description  Micropower Thermocouple Cold Junction Compensator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1025CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1025CS8 Datasheet HTML 4Page - Linear Technology LT1025CS8 Datasheet HTML 5Page - Linear Technology LT1025CS8 Datasheet HTML 6Page - Linear Technology LT1025CS8 Datasheet HTML 7Page - Linear Technology LT1025CS8 Datasheet HTML 8Page - Linear Technology LT1025CS8 Datasheet HTML 9Page - Linear Technology LT1025CS8 Datasheet HTML 10Page - Linear Technology LT1025CS8 Datasheet HTML 11Page - Linear Technology LT1025CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1025
1025fb
TYPICAL APPLICATIO S
VOUT
10mV/
°C
0
°C TO 500°C
R5
47k
R1
1k
1%
R7
15k
R3
141k
1%
R2
100
R4
141k
C1
0.1
µF
GND
LT1025
–15V
+
+
15V
6V
15V
–15V
R6
10k
TYPE E
1
µF
*SEE “REVERSING THE POLARITY OF THE 10mV/
°C OUTPUT”
†† OR EQUIVALENT. SEE “AMPLIFIER CONSIDERATIONS”
LTKA0x
††
–10mV/
°C
VIN
VO
Utilizing Negative LT1025 Drive to Accommodate Grounded Thermocouple*
R6
7.5k
1%
R7
500
FULL-SCALE
TRIM
5V**
V
V
V
+
GND
VIN
VO
LT1025
R9
100k
R5
3k
+
TYPE K
–15V
+
LTKA0x
††
10mV/
°C
VOUT
VCM
10mV/
°C
C1*
C2*
R3
1M
0.1%
R1
10k
0.1%
R2
10k
0.1%
R4
1M
0.1%
R8
5k
1%
=
(V
)(10k)
VOUT (MAX)
*C1 AND C2 FILTER RIPPLE AND NOISE, BUT WILL LIMIT AC COMMON-MODE REJECTION
IF NOT MATCHED. SUGGESTED VALUES ARE 0.001
µF TO 0.1µF
**USE LOWEST POSSIBLE SUPPLY VOLTAGE TO MINIMIZE INTERNAL TEMPERATURE RISE
FOR BEST ACCURACY, THERMOCOUPLE RESISTANCE SHOULD BE LESS THAN 100
†† OR EQUIVALENT. SEE “AMPLIFIER CONSIDERATIONS”
Differential Thermocouple Amplifier


Similar Part No. - LT1025CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1025CS8 LINER-LT1025CS8 Datasheet
182Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
More results

Similar Description - LT1025CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
logo
Analog Devices
AC1226 AD-AC1226_15 Datasheet
395Kb / 4P
   MICROPOWER THERMOCOUPLE COLD JUNCTION COMPENSATOR
REV. A
AC1226 AD-AC1226 Datasheet
374Kb / 4P
   Micropower Thermocouple Cold Junction Compensator
logo
Linear Technology
LT1025ACJ8 LINER-LT1025ACJ8 Datasheet
182Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
LT1025 LINER-LT1025 Datasheet
656Kb / 8P
   Micropower Thermocouple Cold Junction Compensator
logo
List of Unclassifed Man...
2B56 ETC1-2B56 Datasheet
37Kb / 1P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Intronics Power, Inc.
2B56 INTRONICS-2B56 Datasheet
1Mb / 4P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Linear Technology
LTK001 LINER-LTK001_09 Datasheet
105Kb / 8P
   Thermocouple Cold Junction Compensator and Matched Amplifier
LTK001 LINER-LTK001 Datasheet
286Kb / 4P
   Thermocouple Cold Junction Compensator and Matched Amplifier
LTK001 LINER-LTK001_15 Datasheet
110Kb / 8P
   Thermocouple Cold Junction Compensator and Matched Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com