Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1086IM Datasheet(PDF) 1 Page - Linear Technology

Part # LT1086IM
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086IM Datasheet(HTML) 1 Page - Linear Technology

  LT1086IM Datasheet HTML 1Page - Linear Technology LT1086IM Datasheet HTML 2Page - Linear Technology LT1086IM Datasheet HTML 3Page - Linear Technology LT1086IM Datasheet HTML 4Page - Linear Technology LT1086IM Datasheet HTML 5Page - Linear Technology LT1086IM Datasheet HTML 6Page - Linear Technology LT1086IM Datasheet HTML 7Page - Linear Technology LT1086IM Datasheet HTML 8Page - Linear Technology LT1086IM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1086 Series
sn1086 1086ffs
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
s
3-Terminal Adjustable or Fixed
2.85V, 3.3V, 3.6V, 5V, 12V
s
Output Current of 1.5A (0.5A for LT1086H)
s
Operates Down to 1V Dropout
s
Guaranteed Dropout Voltage at Multiple Current Levels
s
Line Regulation: 0.015%
s
Load Regulation: 0.1%
s
100% Thermal Limit Functional Test
s
Ripple Rejection >75dB
s
Available in 3-Pin TO-220 and 3-Pin DD Packages
The LT
®1086 is designed to provide up to 1.5A output
current. All internal circuitry is designed to operate down
to 1V input-to-output differential and the dropout voltage
is fully specified as a function of load current. Dropout is
guaranteed at several operating points up to a maximum
of 1.5V at maximum output current. Dropout decreases at
lower load currents. On-chip trimming adjusts the refer-
ence/ouput voltage to 1%. Current limit is also trimmed,
minimizing the stress on both the regulator and power
source circuitry under overload conditions.
The LT1086 is pin compatible with older 3-terminal adjust-
able regulators. A minimum 10
µF output capacitor is
required on these devices.
The LT1086 offers excellent line and load regulation speci-
fications and ripple rejection exceeds 75dB even at the
maximum load current of 1.5A. The LT1086 is floating
architecture with a composite NPN output stage. All of the
quiescent current and the drive current for the output
stage flows to the load increasing efficiency.
The LT1086 is available in a 3-pin TO-220 package and a
space-saving surface mountable 3-pin DD package.
1.5A Low Dropout Positive
Regulators Adjustable and
Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
s
SCSI-2 Active Terminator
s
High Efficiency Linear Regulators
s
Post Regulators for Switching Supplies
s
Constant Current Regulators
s
Battery Chargers
s
Microprocessor Supply
LT1086 Dropout Voltage
OUTPUT CURRENT (A)
0
0
1
2
0.5
1
LT1086 • TA02
1.5
INDICATES GUARANTEED TEST POINT
–55
°C ≤ TJ ≤ 150°C
0
°C ≤ TJ ≤ 125°C
TJ = – 55°C
TJ = 25°C
TJ = 150°C
VIN ≥ 4.75V
3.3V AT 1.5A
*MAY BE OMITTED IF INPUT SUPPLY IS WELL
BYPASSED WITHIN 2" OF THE LT1086
LT1086-3.3
LT1086 • TA01
10
µF*
TANTALUM
10
µF
TANTALUM
IN
OUT
GND
5V to 3.3V Regulator
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1086IM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1086IM LINER-LT1086IM Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086IM-3.3 LINER-LT1086IM-3.3 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086IM-3.6 LINER-LT1086IM-3.6 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results

Similar Description - LT1086IM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com