Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST27VF020-90-3C-PH Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST27VF020-90-3C-PH
Description  1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27VF020-90-3C-PH Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST27VF020-90-3C-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27VF020-90-3C-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27VF020-90-3C-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27VF020-90-3C-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27VF020-90-3C-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST27VF020-90-3C-PH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST27VF020-90-3C-PH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST27VF020-90-3C-PH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST27VF020-90-3C-PH Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Preliminary Specifications
1 Mbit / 2 Mbit Many-Time Programmable Flash
SST27VF010 / SST27VF020
9
©2003 Silicon Storage Technology, Inc.
S71251-00-000
12/03
AC CHARACTERISTICS
TABLE
9: READ CYCLE TIMING PARAMETERS VDD = 2.7-3.6V (Ta = 0°C to +70°C (Commercial))
Symbol
Parameter
SST27VF010-70
SST27VF020-70
SST27VF010-90
SST27VF020-90
Units
Min
Max
Min
Max
TRC
Read Cycle Time
70
90
ns
TCE
Chip Enable Access Time
70
90
ns
TAA
Address Access Time
70
90
ns
TOE
Output Enable Access Time
35
45
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
25
30
ns
TOHZ1
OE# High to High-Z Output
25
30
ns
TOH1
Output Hold from Address Change
0
0
ns
T9.0 1251
TABLE 10: PROGRAM/ERASE CYCLE TIMING PARAMETERS (Ta = 25°C±5°C)
Symbol
Parameter
Min
Max
Units
TCES
CE# Setup Time
1
µs
TCEH
CE# Hold Time
1
µs
TAS
Address Setup Time
1
µs
TAH
Address Hold Time
1
µs
TPRT
VPP Pulse Rise Time
50
ns
TVPS
VPP Setup Time
1
µs
TVPH
VPP Hold Time
1
µs
TPW
PGM# Program Pulse Width
15
25
µs
TEW
PGM# Erase Pulse Width
100
200
ms
TDS
Data Setup Time
1
µs
TDH
Data Hold Time
1
µs
TVR
A9 Recovery Time for Erase
1
µs
TART
A9 Rise Time to 12V during Erase
50
ns
TA9S
A9 Setup Time during Erase
1
µs
TA9H
A9 Hold Time during Erase
1
µs
T10.0 1251


Similar Part No. - SST27VF020-90-3C-PH

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST270 CALOGIC-SST270 Datasheet
22Kb / 2P
   P-Channel JFET
logo
Vishay Siliconix
SST270 VISHAY-SST270 Datasheet
44Kb / 4P
   P-Channel JFETs
Rev. D, 02-Jul-01
SST270 VISHAY-SST270 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
logo
New Jersey Semi-Conduct...
SST270 NJSEMI-SST270 Datasheet
559Kb / 2P
   J270 - J271 /SST270 - SST271
logo
Vishay Siliconix
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
More results

Similar Description - SST27VF020-90-3C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com