Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC491CN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC491CN
Description  Differential Driver and Receiver Pair
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491CN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC491CN Datasheet HTML 3Page - Linear Technology LTC491CN Datasheet HTML 4Page - Linear Technology LTC491CN Datasheet HTML 5Page - Linear Technology LTC491CN Datasheet HTML 6Page - Linear Technology LTC491CN Datasheet HTML 7Page - Linear Technology LTC491CN Datasheet HTML 8Page - Linear Technology LTC491CN Datasheet HTML 9Page - Linear Technology LTC491CN Datasheet HTML 10Page - Linear Technology LTC491CN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC491
491fa
Typical Application
A typical connection of the LTC491 is shown in Figure 9.
Two twisted-pair wires connect up to 32 driver/receiver
pairs for full duplex data transmission. There are no
restrictions on where the chips are connected to the wires,
and it isn’t necessary to have the chips connected at the
ends. However, the wires must be terminated only at the
ends with a resistor equal to their characteristic imped-
ance, typically 120
Ω. The input impedance of a receiver is
typically 20k
Ω to GND, or 0.6 unit RS-485 load, so in
practice 50 to 60 transceivers can be connected to the
same wires. The optional shields around the twisted pair
help reduce unwanted noise, and are connected to GND at
one end.
The LTC491 can also be used as a line repeater as shown
in Figure 10. If the cable length is longer than 4000 feet, the
LTC491 is inserted in the middle of the cable with the
receiver output connected back to the driver input.
Thermal Shutdown
The LTC491 has a thermal shutdown feature which pro-
tects the part from excessive power dissipation. If the
outputs of the driver are accidently shorted to a power
supply or low impedance source, up to 250mA can flow
through the part. The thermal shutdown circuit disables
the driver outputs when the internal temperature reaches
150
°Candturnsthembackonwhenthetemperaturecools
to 130
°C. If the outputs of two or more LTC491 drivers are
shorted directly, the driver outputs can not supply enough
current to activate the thermal shutdown. Thus, the ther-
mal shutdown circuit will not prevent contention faults
when two drivers are active on the bus at the same time.
APPLICATIO S I FOR ATIO
Figure 9. Typical Connection
Figure 10. Line Repeater
LTC491 • F09
120
120
LTC491
DRIVER
RECEIVER
LTC491
DRIVER
DX
RX
DX
RX
2
5
9
10
11
12
RECEIVER
9
10
11
12
5
2
120
3
4
3
4
120
RECEIVER
LTC491
DRIVER
9
10
11
12
5
4
3
2
DX
RX
LTC491 • F10
120
LTC491
DRIVER
DX
RX
2
5
9
10
11
12
RECEIVER
DATA IN
DATA OUT
3
4
120


Similar Part No. - LTC491CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC491CN LINER-LTC491CN Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
More results

Similar Description - LTC491CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_08 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com