Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLLR440. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLLR440.
Description  Low Current LED in ø 3 mm Tinted Diffused Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR440. Datasheet(HTML) 2 Page - Vishay Siliconix

  TLLR440. Datasheet HTML 1Page - Vishay Siliconix TLLR440. Datasheet HTML 2Page - Vishay Siliconix TLLR440. Datasheet HTML 3Page - Vishay Siliconix TLLR440. Datasheet HTML 4Page - Vishay Siliconix TLLR440. Datasheet HTML 5Page - Vishay Siliconix TLLR440. Datasheet HTML 6Page - Vishay Siliconix TLLR440. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLL.440.
Vishay Telefunken
2 (7)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83029
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLLR440. ,TLLY440. ,TLLG440. ,
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
IF
7
mA
Surge forward current
tp ≤ 10 ms
IFSM
0.15
A
Power dissipation
Tamb ≤ 84°C
PV
20
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
800
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
High efficiency red (TLLR440. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 2 mA, IVmin/IVmax ≥ 0.5
TLLR4400
IV
0.63
1.2
mcd
y
F
Vmin Vmax
TLLR4401
IV
1
2
mcd
Dominant wavelength
IF = 2 mA
ld
612
625
nm
Peak wavelength
IF = 2 mA
lp
635
nm
Angle of half intensity
IF = 2 mA
ϕ
±25
deg
Forward voltage
IF = 2 mA
VF
1.9
2.4
V
Reverse voltage
IR = 10 mA
VR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Yellow (TLLY440. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 2 mA, IVmin/IVmax ≥ 0.5
TLLY4400
IV
0.63
1.2
mcd
y
F
Vmin Vmax
TLLY4401
IV
1
2
mcd
Dominant wavelength
IF = 2 mA
ld
581
594
nm
Peak wavelength
IF = 2 mA
lp
585
nm
Angle of half intensity
IF = 2 mA
ϕ
±25
deg
Forward voltage
IF = 2 mA
VF
2.4
2.9
V
Reverse voltage
IR = 10 mA
VR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF


Similar Part No. - TLLR440.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLR440. VISHAY-TLLR440. Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLLR440.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
   Universal LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
   Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com