Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

318225 Datasheet(PDF) 1 Page - Littelfuse

Part # 318225
Description  Axial Lead and Cartridge Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

318225 Datasheet(HTML) 1 Page - Littelfuse

  318225 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
401
www .littelfuse .com
Glass Body
3AG Fast-Acting Type 312/318 Series
1000
100
10
1
0.1
0.01
1
10
100
0.01
0.1
0.005
CURRENT IN AMPERES
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I
2 t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
312.031
318.031
1/32
250
23.3
0.0000300
312.062
318.062
1/16
250
24.5
0.000249
312.100
318.100
1/10
250
11.2
0.00102
312.125
318.125
1/8
250
7.10
0.00289
312.150
318.150
15/100
250
5.10
0.00550
312.175
318.175
.175
250
3.85
0.00960
312.187
318.187
3/16
250
3.40
0.0128
312.200
318.200
2/10
250
3.00
0.0165
312.250
318.250
1/4
250
2.00
0.0355
312.300
318.300
3/10
250
1.40
0.0689
312.375
318.375
3/8
250
0.820
0.185
312.500
318.500
1/2
250
0.495
0.483
312.600
318.600
6/10
250
0.360
0.880
312.750
318.750
3/4
250
0.243
1.84
312 001
318 001
1
250
0.189
0.760
312 1.25
318 1.25
11/4
250
0.138
1.45
312 01.5
318 01.5
11/2
250
0.103
2.35
312 01.6
318 01.6
16/10
250
0.0930
2.80
312 1.75
318 1.75
13/4
250
0.0850
3.60
312 01.8
318 01.8
18/10
250
0.0820
3.85
312 002
318 002
2
250
0.0700
5.20
312 2.25
318 2.25
21/4
250
0.0590
7.20
312 02.5
318 02.5
21/2
250
0.0510
9.54
312 003
318 003
3
250
0.0424
14.0
312 004
318 004
4
250
0.0291
28.5
312 005
318 005
5
250
0.0223
50.0
312 006
318 006
6
250
0.0177
81.1
312 007
318 007
7
250
0.0145
118.0
312 008
318 008
8
250
0.0121
166.0
312 010
318 010
10
250
0.00925
298.0
312 012
12
32
0.0071
312 015
15
32
0.0052
312 020
20
32
0.0034
312 025
25
32
0.0024
312 030
30
32
0.0019
312 035
35
32
0.0013
Average Time Current Curves
312 000 Series
318 000 Series
6.35
(.25")
32.385
(1.275")
31.75
(1.25")
6.985 (.275")
0.813
(.032")
38.1
(1.50") TYP.
Axial Lead Material: Solder coated copper.
A standard for cost-effective reliability and performance in circuit protec-
tion, the 3AG fuse satisfies a broad range of application requirements.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1/32–35
4 hours, Minimum
135%
1/32–35
1 hour, Maximum
1/32–10
5 sec., Maximum
200%
12–30
10 sec., Maximum
35
20 sec., Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 30 amperes.
1/100–10 amperes listed to UL 248-14 (UL 198-G)
12–30 amperes listed to UL 275.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERUPTING RATING:
10,000A @ 125VAC
35A @ 250VAC
ORDERING INFORMATION:
®
UL
®
11


Similar Part No. - 318225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3182 ETC2-3182 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3182 ETC2-3182 Datasheet
68Kb / 1P
   WASHERS
logo
Littelfuse
3182.25P LITTELFUSE-3182.25P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
logo
LEMO Connectors
318250 LEMO-318250 Datasheet
108Kb / 3P
   E - Outdoor Stepped Insert
318250 LEMO-318250 Datasheet
91Kb / 4P
   B - Indoor keyed
More results

Similar Description - 318225

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
   Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
   Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
   Axial Lead and Cartridge Fuses
977 LITTELFUSE-977 Datasheet
192Kb / 4P
   Axial Lead and Cartridge Fuses
272 LITTELFUSE-272 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com