Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF010-20-4C-SAE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST25VF010-20-4C-SAE
Description  1 Mbit SPI Serial Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF010-20-4C-SAE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST25VF010-20-4C-SAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
1 Mbit SPI Serial Flash
SST25VF010
11
©2006 Silicon Storage Technology, Inc.
S71233-05-000
1/06
Chip-Erase
The Chip-Erase instruction clears all bits in the device to
FFH. A Chip-Erase instruction will be ignored if any of the
memory area is protected. Prior to any Write operation, the
Write-Enable (WREN) instruction must be executed. CE#
must remain active low for the duration of the Chip-Erase
instruction sequence. The Chip-Erase instruction is initiated
by executing an 8-bit command, 60H. CE# must be driven
high before the instruction is executed. The user may poll
the Busy bit in the software status register or wait TCE for
the completion of the internal self-timed Chip-Erase cycle.
See Figure 9 for the Chip-Erase sequence.
FIGURE 9: CHIP-ERASE SEQUENCE
Read-Status-Register (RDSR)
The Read-Status-Register (RDSR) instruction allows read-
ing of the status register. The status register may be read at
any time even during a Write (Program/Erase) operation.
When a Write operation is in progress, the Busy bit may be
checked before sending any new commands to assure that
the new commands are properly received by the device.
CE# must be driven low before the RDSR instruction is
entered and remain low until the status data is read. Read-
Status-Register is continuous with ongoing clock cycles
until it is terminated by a low to high transition of the CE#.
See Figure 10 for the RDSR instruction sequence.
FIGURE 10: READ-STATUS-REGISTER (RDSR) SEQUENCE
CE#
SO
SI
SCK
01 2 3 4 5 6 7
60
HIGH IMPEDANCE
MODE 0
MODE 3
1233 F09.1
MSB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1233 F10.1
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
HIGH IMPEDANCE
Status
Register Out
MSB
MSB


Similar Part No. - SST25VF010-20-4C-SAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010-20-4C-SAE SST-SST25VF010-20-4C-SAE Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010-20-4C-SAE-DD02 SST-SST25VF010-20-4C-SAE-DD02 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010-20-4C-SAE-DD02 SST-SST25VF010-20-4C-SAE-DD02 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
More results

Similar Description - SST25VF010-20-4C-SAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
   1 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com