Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC202CJ Datasheet(PDF) 3 Page - Linear Technology

Part # LTC202CJ
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC202CJ Datasheet(HTML) 3 Page - Linear Technology

  LTC202CJ Datasheet HTML 1Page - Linear Technology LTC202CJ Datasheet HTML 2Page - Linear Technology LTC202CJ Datasheet HTML 3Page - Linear Technology LTC202CJ Datasheet HTML 4Page - Linear Technology LTC202CJ Datasheet HTML 5Page - Linear Technology LTC202CJ Datasheet HTML 6Page - Linear Technology LTC202CJ Datasheet HTML 7Page - Linear Technology LTC202CJ Datasheet HTML 8Page - Linear Technology LTC202CJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC201A/LTC202/LTC203
3
201a23fb
LTC201AM/LTC202M/
LTC201AC/LTC202C/
LTC203M
LTC203C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Off Output Leakage ID (0FF)
VD = ±14V, VS = ±14V
0.01
±1
0.01
±5nA
Switch Off
±100
±100
nA
On Channel Leakage lD (ON)
VD = VS = ±14V
0.02
±1
0.02
±5nA
Switch On
±200
±200
nA
Input High Voltage VINH
2.4
2.4
V
Input Low Voltage VINL
0.8
0.8
V
Input High or Low Current
VIN = 15V, 0V
±1
±1
µA
IINH and IINL
CS (OFF)
55
pF
CD (OFF)
12
12
pF
CD, CS (ON)
30
30
pF
I+
All Logic Inputs Tied Together
16
40
16
40
µA
VIN = 0V or 4.0V
60
60
µA
I
0.1
5
0.1
5
µA
10
10
µA
The denotes the specifications which
apply over full operating temperature range, otherwise specifications are at TA = 25°C. V
+ = 15V, V= –15V, GND = 0V.
DIGITAL A D DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
LTC201AM/LTC202M/
LTC201AC/LTC202C/
LTC203M
LTC203C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tON
VS = 2V, RL = 1kΩ, CL = 35pF
290
400
290
400
ns
tOFF
210
300
210
300
ns
tOPEN
20
85
20
85
ns
Off Isolation
VS = 2VP-P, RL = 1kΩ, f 100kHz
75
75
dB
Crosstalk
90
90
dB
Charge Injection OINJ
RS = 0Ω, CL = 1000pF, VS = 0V
5
±25
8
±25
pC
Total Harmonic Distortion THD
VS = 2VP-P, RL = 10kΩ
0.01
0.01
%
V+ = 15V, V= –15V, GND = 0V unless otherwise noted.


Similar Part No. - LTC202CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC202CJ LINER-LTC202CJ Datasheet
820Kb / 11P
   Micropower, Low Charge Injection,Quad CMOS Analog Switches
More results

Similar Description - LTC202CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC203 LINER-LTC203_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC201A LINER-LTC201A Datasheet
820Kb / 11P
   Micropower, Low Charge Injection,Quad CMOS Analog Switches
LTC201A LINER-LTC201A_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC202 LINER-LTC202_15 Datasheet
208Kb / 16P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC221 LINER-LTC221_15 Datasheet
151Kb / 12P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC221 LINER-LTC221 Datasheet
140Kb / 12P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC222 LINER-LTC222_15 Datasheet
151Kb / 12P
   Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
logo
Advanced Linear Devices
ALD4201 ALD-ALD4201 Datasheet
40Kb / 6P
   CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
   Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
Rev. A, 19-May-14
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com