Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1013B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1013B
Description  4 W audio power amplifier with DC volume control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1013B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1013B Datasheet HTML 3Page - NXP Semiconductors TDA1013B Datasheet HTML 4Page - NXP Semiconductors TDA1013B Datasheet HTML 5Page - NXP Semiconductors TDA1013B Datasheet HTML 6Page - NXP Semiconductors TDA1013B Datasheet HTML 7Page - NXP Semiconductors TDA1013B Datasheet HTML 8Page - NXP Semiconductors TDA1013B Datasheet HTML 9Page - NXP Semiconductors TDA1013B Datasheet HTML 10Page - NXP Semiconductors TDA1013B Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
July 1994
7
Philips Semiconductors
Product specification
4 W audio power amplifier with
DC volume control
TDA1013B
Fig.5 Power bandwidth; VP = 18 V; RL = 8 Ω; THD = 10% and control voltage (V7) = 6.5 V.
Fig.6
Total harmonic distortion as a function of frequency;
VP = 18 V; RL = 8 Ω; Po = 2.5 W and control voltage = 6.5 V.


Similar Part No. - TDA1013B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1013 ETC-TDA1013 Datasheet
188Kb / 4P
   4 W AUDIO POWER AMPLIFIER WITH D.C. VOLUME CONTROL
February 1980
TDA1013A ETC-TDA1013A Datasheet
19Kb / 1P
   AUIDO OUTPUT
More results

Similar Description - TDA1013B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1013 ETC-TDA1013 Datasheet
188Kb / 4P
   4 W AUDIO POWER AMPLIFIER WITH D.C. VOLUME CONTROL
February 1980
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com