Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTZ1000A Datasheet(PDF) 3 Page - Linear Technology

Part # LTZ1000A
Description  Ultra Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTZ1000A Datasheet(HTML) 3 Page - Linear Technology

  LTZ1000A Datasheet HTML 1Page - Linear Technology LTZ1000A Datasheet HTML 2Page - Linear Technology LTZ1000A Datasheet HTML 3Page - Linear Technology LTZ1000A Datasheet HTML 4Page - Linear Technology LTZ1000A Datasheet HTML 5Page - Linear Technology LTZ1000A Datasheet HTML 6Page - Linear Technology LTZ1000A Datasheet HTML 7Page - Linear Technology LTZ1000A Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTZ1000/LTZ1000A
3
1000afb
ZENER CURRENT (mA)
0
60
80
70
50
30
100
90
4.0
40
20
10
0
1.0
0.5
2.0
1.5
3.0 3.5
4.5
2.5
5.0
ZENER ALONE
ZENER WITH KELVIN
SENSED Q1
1000 G01
FREQUENCY (Hz)
0.1
200
250
300
350
400
1
10
100
150
100
50
0
450
500
ZENER CURRENT = 0.5mA
ZENER CURRENT = 4mA
1000 G02
TIME (SECONDS)
0
10
20
30
40
50
60
IZ = 4mA
IZ = 0.5mA
1000 G03
DIE TEMPERATURE ABOVE AMBIENT (
°C)
25
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
105
45
65
85
125
95
35
55
75
115
LTZ1000
LTZ1000A
1000 G04
TIME (SECONDS)
125
25
100
75
50
0.1
10
100
1000
0
1
HEATER POWER = 0.3W
HEATER POWER = 0.7W
LTZ1000
1000 G06
HEATER POWER = 0.5W
TIME (SECONDS)
125
25
100
75
50
0.1
10
100
1000
0
1
HEATER POWER = 0.1W
HEATER POWER = 0.2W
HEATER POWER = 0.3W
LTZ1000A
1000 G05
TYPICAL PERFORMANCE CHARACTERISTICS
Zener Voltage vs Current
Zener Voltage Noise Spectrum
Zener Noise
Die Temperature Rise
vs Heater Power
Die Temperature vs Time
Die Temperature Rise vs Time
PIN FUNCTIONS
Pin 1: Heater positive. Must have a higher positive value
than Pin 2 and Pin 4.
Pin 2: Heater negative. Must have a higher positive value
than Pin 4. Must have equal or lower potential than Pin 1.
Pin 3: Zener positive. Must have a higher positive value
than Pin 4.
Pin 4: Substrate and Zener negative. Must have a higher
positive value than Pin 7. If Q1 is Zenered (about 7V) a
permanent degradation in beta will result.
Pin 5: Temperature compensating transistor collector.
Pin 6: Temperature sensing transistor base. If the base
emitter junction is Zenered (about 7V) the transistor will
suffer permanent beta degradation.
Pin 7: Emitter of sensing and compensating transistors.
Pin 8: Collector of sensing transistor.


Similar Part No. - LTZ1000A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000A LINER-LTZ1000A Datasheet
385Kb / 7P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
127Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
162Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000ACH LINER-LTZ1000ACH Datasheet
127Kb / 8P
   Ultra Precision Reference
More results

Similar Description - LTZ1000A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
127Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_12 Datasheet
162Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
385Kb / 7P
   Ultra Precision Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com