Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA10045 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA10045
Description  DVB-T channel receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10045 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA10045 Datasheet HTML 1Page - NXP Semiconductors TDA10045 Datasheet HTML 2Page - NXP Semiconductors TDA10045 Datasheet HTML 3Page - NXP Semiconductors TDA10045 Datasheet HTML 4Page - NXP Semiconductors TDA10045 Datasheet HTML 5Page - NXP Semiconductors TDA10045 Datasheet HTML 6Page - NXP Semiconductors TDA10045 Datasheet HTML 7Page - NXP Semiconductors TDA10045 Datasheet HTML 8Page - NXP Semiconductors TDA10045 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2001 Nov 08
2
Philips Semiconductors
Product specification
DVB-T channel receiver
TDA10045H
FEATURES
• 2 and 8 kbytes Coded Orthogonal Frequency Division
Multiplexer (COFDM) demodulator (fully DVB-T
compliant: ETSI 300-744)
• All modes supported, including hierarchical modes
• Fully automatic transmission parameters detection
(including Fast Fourier Transformer (FFT) size and
guard interval)
• Digital Signal Processor (DSP) based synchronization
(software can be upgraded on the fly)
• No extra-host software required
• On-chip 10-bit Analog-to-Digital Converter (ADC)
• 2nd or 1st IF variable analog input
• Only fundamental crystal oscillator required (4 MHz
typical
±100 ppm)
• 6, 7 and 8 MHz channels with the same crystal
• Pulse killer algorithm to protect against impulse noise
• Digital frequency correction (±90 kHz)
• Frequency offset (±1/6 MHz) automatic estimator to
speed-up the scan
• RF tuner input power measurement
• Parallel or serial transport stream interface
• BER measurement (before and after Viterbi decoder)
• Signal-to noise ratio estimation
• Constellation, CSI and channel frequency response
outputs
• TPS bits I2C-bus readable (including spare ones)
• Controllable dedicated I2C-bus for the tuner
(5 V tolerant)
• 3 low frequency spare DACs and 2 spare inputs
• CMOS 0.2 µm technology.
APPLICATIONS
• DVB-T fully compatible
• Digital data transmission using COFDM modulation.
GENERAL DESCRIPTION
The TDA10045H is a single-chip channel receiver for
2 and 8 kbytes COFDM modulated signals based on the
ETSI specification (ETSI 300-744). The device interfaces
directly to an IF signal, which could be either 1st or 2nd IF
and integrates a 10-bit Analog-to-Digital Converter (ADC),
a Numerically Controlled Oscillator (NCO) and a
Phase-Locked Loop (PLL), simplifying external logic
requirements and limiting system costs.
The TDA10045H performs all the COFDM demodulation
tasks from IF signal to the MPEG-2 transport stream. An
internal DSP core manages the synchronization and the
control of the demodulation process, and implements
specially developed software for robustness against
co-channel and adjacent channel interference, to deal with
Single Frequency Network (SFN) echo situations, and to
assist in a very fast scan of the bandwidth. After baseband
conversion and FFT demodulation, the channel frequency
response is estimated, which is based on the scattered
pilots, and filtered in both time and frequency domains.
This estimation is used as a correction on the signal,
carrier by carrier. A common phase error and estimator is
used to deal with the tuner phase noise. The Forward Error
Correction (FEC) decoder is automatically synchronized
by the frame synchronization algorithm that uses the TPS
information included in the modulation. An embedded
‘pulse killer’ algorithm enables the bad effects of short and
strong impulsive noise interference that could be caused
by electrical domestic devices and/or car traffic to be
greatly reduced.
This device is controlled via an I2C-bus (master). The chip
provides 2 switchable I2C-buses derived from the master:
a tuner I2C-bus to be disconnected from the I2C-bus
master when not necessary and an EEPROM I2C-bus.
The DSP software code can be fed to the chip via the
master I2C-bus or via the dedicated EEPROM I2C-bus.
Designed in 0.2
µm CMOS technology and housed in a
100 pin QFP package, the TDA10045H operates over the
commercial temperature range.


Similar Part No. - TDA10045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
   Single-chip DVB-T channel
May 2002
More results

Similar Description - TDA10045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
   SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
   TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
NXP Semiconductors
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
logo
Silicon Laboratories
SI2115 SILABS-SI2115 Datasheet
65Kb / 2P
   Digital TV Receiver for DVB-T/C
SI2185 SILABS-SI2185 Datasheet
62Kb / 2P
   Hybrid DVB-T/C and Analog TV Receiver
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
   Single-chip DVB-T channel
May 2002
logo
List of Unclassifed Man...
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
   SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
   Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com