Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA10021HT Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA10021HT
Description  DVB-C channel receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10021HT Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA10021HT Datasheet HTML 8Page - NXP Semiconductors TDA10021HT Datasheet HTML 9Page - NXP Semiconductors TDA10021HT Datasheet HTML 10Page - NXP Semiconductors TDA10021HT Datasheet HTML 11Page - NXP Semiconductors TDA10021HT Datasheet HTML 12Page - NXP Semiconductors TDA10021HT Datasheet HTML 13Page - NXP Semiconductors TDA10021HT Datasheet HTML 14Page - NXP Semiconductors TDA10021HT Datasheet HTML 15Page - NXP Semiconductors TDA10021HT Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2001 Oct 01
12
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.2
0.15
0.05
1.05
0.95
0.25
0.27
0.17
0.18
0.12
10.1
9.9
0.5
12.15
11.85
1.45
1.05
7
0
o
o
0.08
0.1
1.0
0.2
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT357-1
137E10
MS-026
99-12-27
00-01-19
D(1)
(1)
(1)
10.1
9.9
HD
12.15
11.85
E
Z
1.45
1.05
D
b p
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
16
c
D
H
b p
E
H
A2
v M B
D
Z D
A
Z E
e
v M A
X
1
64
49
48
33
32
17
y
pin 1 index
w M
w M
0
2.5
5 mm
scale
TQFP64: plastic thin quad flat package; 64 leads; body 10 x 10 x 1.0 mm
SOT357-1


Similar Part No. - TDA10021HT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10025HN NXP-TDA10025HN Datasheet
113Kb / 8P
   Dual cable demodulator
Rev. 1-22 August 2011
More results

Similar Description - TDA10021HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
   SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
   DVB-T channel receiver
2001 Nov 08
logo
Silicon Laboratories
SI2115 SILABS-SI2115 Datasheet
65Kb / 2P
   Digital TV Receiver for DVB-T/C
logo
List of Unclassifed Man...
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
   SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
logo
Zarlink Semiconductor I...
ZL10210 ZARLINK-ZL10210 Datasheet
569Kb / 21P
   DVB-C Cable Channel Demodulator
logo
Silicon Laboratories
SI2185 SILABS-SI2185 Datasheet
62Kb / 2P
   Hybrid DVB-T/C and Analog TV Receiver
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Broadcom Corporation.
BCM3118B BOARDCOM-BCM3118B Datasheet
156Kb / 2P
   QAMLINK DVB/DAVIC RECEIVER
logo
Hynix Semiconductor
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com