Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4560A Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4560A
Description  16bit CODEC with ALC and MIC/HP/SPK-Amps
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4560A Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4560A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4560A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4560A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4560A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4560A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4560A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4560A Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4560A Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4560A Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
ASAHI KASEI
[AK4560A]
MS0028-E-00
2000/05
- 10 -
Parameter
min
typ
max
Units
Power Supplies Current
Power Up ( PD = “H”)
All Circuit Power Up: (MIC=IPGA=ADC=DAC=VCOM=HPP=SPKP=LOUTP= “1”)
VA+VD
19.0
28.5
mA
MVDD (Note 27)
6.5
9.8
mA
HVDD:HP-Amp Normal Operation
(LOUT=HP= “1”, No Output)
3.5
5.3
mA
SVDD:SPK-Amp Normal Operation
(SPPS= “1”, No Output)
3.5
5.3
mA
ALC1+ADMIX+ADC: (IPGA=ADC=VCOM= “1”) (Note 28)
VA+VD
10.0
15.0
mA
DAC+LINEOUT: (DAC=LOUTP=VCOM= “1”) (Note 29)
VA+VD
8.0
12.0
mA
HVDD: LINEOUT Normal Operation
(LOUT= “1”, No Output)
1.5
2.3
mA
Power Down ( PD = “L”)
VA+VD+HVDD+MVDD+SVDD (Note 30)
200
uA
Note 27. MPWR pin supplies 0mA.
Note 28. As VCOM = “1”, HVDD of power supply current is 0.5mA (typ.) and power supply current of MVDD is 0.5mA
(typ.).
Note 29. As VCOM= “1”, power supply current is 0.5mA (typ.).
Note 30. In case of power-down, all digital input pins including clock (MCLK, BCLK and LRCK) pins are held “VD” or
“DGND”. PD pin is held “DGND”.


Similar Part No. - AKD4560A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4561 AKM-AKD4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AKD4562 AKM-AKD4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AKD4562 AKM-AKD4562 Datasheet
396Kb / 30P
   EVALUATION BOARD REV.A FOR AK4562
AKD4563A AKM-AKD4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
AKD4563A AKM-AKD4563A Datasheet
563Kb / 26P
   Evaluation board Rev.A for AK4563A
More results

Similar Description - AKD4560A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AKD4631-VN AKM-AKD4631-VN Datasheet
468Kb / 44P
   16bit mono CODEC with MIC/SPK amplifier.
AKD4633-A AKM-AKD4633-A Datasheet
910Kb / 38P
   16bit mono CODEC with MIC/SPK amplifier.
AKD4634-A AKM-AKD4634-A Datasheet
1Mb / 46P
   16bit mono CODEC with MIC/SPK/VIDEO amplifier.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com