Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ5827 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SZ5827
Description  5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ5827 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SZ5827 Datasheet HTML 1Page - Solid States Devices, Inc SZ5827 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
Hermetically Sealed in Glass
Rated at 5 W
Available in Axial and Square Tab Surface Mount
(SMS) version
Available to TX, TXV, and Space Levels
Replacement for Microsemi UZ5706 and UZ5806 Series.
Note:
SSDI’s Zeners offer standard Voltage
Tolerance of ±10% and ±5%. For other Voltages and Voltage
Tolerances, contact SSDI’s Marketing Department.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
Symbol
Value
Units
Nominal Zener Voltage
VZ
6.8 - 270
V
Maximum Zener Current
IZM
16 - 675
mA
Forward Surge Current
(8.3 msec Puls)
IFSM
.30 - 40
A
Continuous Power
PD
5.0
W
Operating and Storage Temp.
Top
&Tstg
-65 to +175
ºC
Thermal Resistance,
Junction to Lead
L=3/8” (Axial)
RθJL
22
ºC/W
Thermal Resistance,
Junction to End Cap
(SMS)
RθJE
7
ºC/W
SZ5706 thru SZ5890
And
SZ5110 thru SZ5227
5.0 WATT
6.8 – 270 VOLTS
ZENER DIODES
DIM
MIN.
MAX
A
---
.158”
B
---
.185”
C
.047”
.053”
D
1.00”
---
AXIAL(L)
DIM
MIN.
MAX.
A
.155”
.185”
B
.190”
.220”
C
.020”
.030”
D
Body to Tab Clearance: .001”
SQUARE TAB (SMS)
All dimensions are prior to
soldering
DATA SHEET #: Z00007C
DOC


Similar Part No. - SZ5827

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5890 SSDI-SZ5890 Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
More results

Similar Description - SZ5827

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706_1 Datasheet
120Kb / 2P
   6.8 ??270 VOLTS ZENER DIODES
SZN4954 SSDI-SZN4954 Datasheet
204Kb / 3P
   6.8 ??390 VOLTS ZENER DIODES
SZ6A7.5 SSDI-SZ6A7.5_1 Datasheet
147Kb / 2P
   7.5 ??270 VOLTS ZENER DIODES
SZN5063 SSDI-SZN5063 Datasheet
171Kb / 3P
   6.8 ??400 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
SMCJ5348 MCC-SMCJ5348 Datasheet
151Kb / 5P
   Silicon 5.0 Watt Zener Diodes
logo
Solid States Devices, I...
Z00010D SSDI-Z00010D Datasheet
204Kb / 3P
   5 W 6.8 ??390 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
1N4736AP MCC-1N4736AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
logo
New Jersey Semi-Conduct...
1N5559B NJSEMI-1N5559B Datasheet
148Kb / 1P
   1.0 WATT ZENER DIODE 6.8 VOLTS to 200 VOLTS 5% TOLERANCE
logo
Solid States Devices, I...
Z00005F SSDI-Z00005F Datasheet
147Kb / 2P
   6.0W, 8.0W, and 10W 7.5 ??270 VOLTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com