Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK93C75BH Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK93C75BH
Description  1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C75BH Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK93C75BH Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C75BH Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C75BH Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C75BH Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C75BH Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C75BH Datasheet HTML 11Page - Asahi Kasei Microsystems AK93C75BH Datasheet HTML 12Page - Asahi Kasei Microsystems AK93C75BH Datasheet HTML 13Page - Asahi Kasei Microsystems AK93C75BH Datasheet HTML 14Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ASAHI KASEI
[AK93C45B/55B/65B/75B]
DAM04E-02
2003/05
- 10 -
AK93C75B
( 1.8V
≤ VCC ≤ 5.5V, -40°C ≤ Ta ≤ 85°C, unless otherwise specified )
Paremeter
Symbol
Condition
Min.
Max.
Unit
ICC1
VCC=5.5V, tSKP=1.0
µs, *4
4.0
mA
Current Dissipation
(WRITE)
ICC2
VCC=1.8V, tSKP=4.0
µs, *4
2.0
mA
ICC3
VCC=5.5V, tSKP=1.0
µs, *4
0.4
mA
Current Dissipation
(READ, EWEN, EWDS) ICC4
VCC=1.8V, tSKP=4.0
µs, *4
0.1
mA
Current Dissipation
(Standby)
ICCSB
VCC=5.5V
*5
0.8
µA
Input High Voltage
VIH
0.8 x VCC
VCC + 0.5
V
Input Low Voltage
VIL
-0.1
0.2 x VCC
V
Output High Voltage
VOH1
2.5V
≤ VCC ≤ 5.5V
IOH=-0.1mA
0.8 x VCC
V
VOH2
1.8V
≤ VCC < 2.5V
IOH=-0.1mA
0.8 x VCC
V
Output Low Voltage
VOL1
2.5V
≤ VCC ≤ 5.5V
IOL=1.0mA
0.4
V
VOL2
1.8V
≤ VCC < 2.5V
IOL=0.1mA
0.4
V
Input Leakage
ILI
VCC=5.5V, VIN=5.5V
*6
±1.0
µA
Output Leakage
ILO
VCC=5.5V,
VOUT=5.5V, CS=GND
±1.0
µA
*4 : VIN=VIH/VIL, DO=Open
*5 : VIN=VCC/GND, CS=GND, DO=PE=Open
*6 : CS, SK, DI pin


Similar Part No. - AK93C75BH

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C75BH AKM-AK93C75BH Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
More results

Similar Description - AK93C75BH

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com