Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4703 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4703
Description  AV SCART switch
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4703 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4703 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4703 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4703 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4703 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4703 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4703 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4703 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4703 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4703 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ASAHI KASEI
AKM CONFIDENTIAL
[AK4703]
Rev. 0.1
2004/03
- 8 -
DIGITAL CHARACTERISTICS
(Ta = 25
°C; VD = 4.75 ∼ 5.25V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.0
-
-
-
-
0.8
V
V
Low-Level Output Voltage
(SDA pin: Iout= 3mA, INT pin: Iout= 1mA)
VOL
-
-
0.4
V
Input Leakage Current
Iin
-
-
±10
µA
ANALOG CHARACTERISTICS (AUDIO)
(Ta = 25
°C; VP = 12V, VD = 5V; VVD1 = VVD2 = 5V; Signal Frequency = 1kHz; Measurement frequency = 20Hz ∼
20kHz; RL ≥4.5kΩ; 0dB=2Vrms output; unless otherwise specified)
Parameter
min
typ
max
Units
Analog Input: (TVINL/TVINR/VCRINL/VCRINR pins)
Analog Input Characteristics
Input Voltage
2
Vrms
Input Resistance
100
150
-
k
Analog Input: (LIN/RIN pins)
Analog Input Characteristics
Input Voltage
1
Vrms
Input Resistance
40
60
-
k
Stereo/Mono Output: (TVOUTL/TVOUTR/VCROUTL/VCROUTR/MONOOUT pins)
(Note 6)
Analog Output Characteristics
THD+N
(at 2Vrms output)
(Note 7)
−86
−80
dB
Dynamic Range (
−60dB Output, A-weighted) (Note 7)
92
96
dB
S/N
(A-weighted)
(Note 7)
92
96
dB
Interchannel Isolation
(Note 7, 8)
80
90
dB
Interchannel Gain Mismatch
(Note 7, 8)
-
0.3
-
dB
Gain Drift
-
200
-
ppm/
°C
Load Resistance (AC-Lord, Note 10)
TVOUTL/R, VCROUTL/R, MONOOUT
4.5
k
Output Voltage
(Note 9, 10)
1.85
2
2.15
Vrms
Power Supply Rejection (PSR)
(Note 11)
-
50
dB
Note 6. Measured by Audio Precision System Two Cascade.
Note 7. Analog In to TVOUT. Path : AINL+/
− (AINR+/−) → TVOUTL (TVOUTR)
Note 8. Between TVOUTL and TVOUTR with analog inputs (AINL/R+/
−) 1kHz/0dB.
Note 9. THD+N :
−80dB(min. at 2Vrns).
Note 10. Analog input voltage by LIN/RIN pins (0dB). Stereo output (typ@0dBFS) = 2Vrms × VD/5.
Do not output signals over 3Vrms.
Note 11. The PSR is applied to VD with 1kHz, 100mV.
FILTER CHARACTERISTICS
(Ta = 25
°C; VP = 11.4 ∼ 12.6V, VD = 4.75 ∼ 5.25V, VVD1 = VVD2 = 4.75 ∼ 5.25V)
Parameter
Symbol
min
typ
max
Units
LPF
Frequency Response
0
∼ 20.0kHz
FR
-
± 0.5
-
dB


Similar Part No. - AK4703

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4705AEQ AKM-AK4705AEQ Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
More results

Similar Description - AK4703

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
AK4709 AKM-AK4709 Datasheet
607Kb / 42P
   Low Power AV SCART Switch
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4708 AKM-AK4708 Datasheet
521Kb / 46P
   AV SCART Switch with Two RGB Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com