Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ5A6.8 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SZ5A6.8
Description  500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ5A6.8 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SZ5A6.8 Datasheet HTML 1Page - Solid States Devices, Inc SZ5A6.8 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
Hermetically Sealed in Glass
Axial Lead Rated at 500 mW
Surface Mount Rated at 800 mW
Available in Axial (L), Round Tab Surface Mount (SM)
and Square Tab Surface Mount (SMS) Versions
Available to TX, TXV, and Space Levels
5/
Available in 10% and 5% Tolerances. For other Voltage
Tolerances, Contact Factory.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
Symbol
Value
Units
Nominal Zener Voltage
VZ
2.4 - 200
V
Zener Current
L
SM, SMS
IZM
2.2 - 198
3.3 – 297
mA
Continuous Power
L
SM, SMS
PD
500
800
mW
Operating and Storage Temp.
Top,
Tstg
-65 to +175
ºC
Thermal Resistance,
Junction to Lead, L=3/8” (for L)
Junction to End Cap (for SM, SMS)
Junction to Ambient (for All)
RθJL
RθJE
RθJA
250
150
300
ºC/W
Part Number/Ordering Information 2/
SZ5
__ __
__ __
Screening 5/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type 4/
L = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
Voltage/Family
2.4 thru 200 = 2.4V thru 200V, See Table on Page 2
Voltage Tolerance
A = 10% Voltage Tolerance
B = 5% Voltage Tolerance
SZ5A2.4
thru
SZ5A200
500mW and 800mW
2.4 – 200 VOLTS
ZENER DIODES
DIM
MIN.
MAX
A
.060”
.090”
B
.120”
.200”
C
1.00”
---
D
.018”
.022”
AXIAL (L)
All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.057”
.067”
B
.130”
.146”
C
.010”
.022”
D
Body to Tab Clearance: .001”
ROUND TAB (SM)
All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.070”
.078”
B
.175”
.210”
C
.023”
.027”
D
Body to Tab Clearance: .001”
SQUARE TAB (SMS) All dimensions are prior to soldering
DATA SHEET #: Z00002B
DOC


Similar Part No. - SZ5A6.8

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZ5A6.8

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
New Jersey Semi-Conduct...
1N5221A NJSEMI-1N5221A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Micro Commercial Compon...
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
Shanghai Lunsure Electr...
DL5221 CHENYI-DL5221 Datasheet
858Kb / 2P
   500mw zener diode 2.4 to 47 volts
logo
SUNMATE electronic Co.,...
BZD27C3V6P SUNMATE-BZD27C3V6P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com