Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK93C65C Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK93C65C
Description  1K/2K/4Kbit Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C65C Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK93C65C Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C65C Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C65C Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C65C Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C65C Datasheet HTML 11Page - Asahi Kasei Microsystems AK93C65C Datasheet HTML 12Page - Asahi Kasei Microsystems AK93C65C Datasheet HTML 13Page - Asahi Kasei Microsystems AK93C65C Datasheet HTML 14Page - Asahi Kasei Microsystems AK93C65C Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ASAHI KASEI
[AK93C45C/55C/65C]
DAM06E-01
2005/10
- 11 -
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Power Supply
VCC
-0.6
+6.5
V
All Input Voltages
with Respect to Ground
VIO
-0.6
VCC+0.6
V
Ambient storage temperature
Tst
-65
+150
°C
Stress above those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device.
This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of the specification is not implied.
Exposure to absolute
maximum conditions for extended periods may affect device reliability.
Recommended Operating Condition
Parameter
Symbol
Min
Max
Unit
Power Supply 1(Except READ)
VCC1
1.6
5.5
V
Power Supply 2(READ)
VCC2
1.5
5.5
V
Ambient Operating Temperature
Ta
-40
+85
°C


Similar Part No. - AK93C65C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C65C AKM-AK93C65C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C65C AKM-AK93C65C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C65C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com