Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK93C45B Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK93C45B
Description  1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C45B Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK93C45B_03 Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C45B_03 Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C45B_03 Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C45B_03 Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C45B_03 Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C45B_03 Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C45B_03 Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C45B_03 Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C45B_03 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ASAHI KASEI
[AK93C45B/55B/65B/75B]
DAM04E-02
2003/05
- 4 -
Functional Description
The AK93C45B/55B/65B/75B has 4 instructions such as READ, WRITE, EWEN and EWDS. A
valid instruction consists of a Start Bit (Logic"1"), the appropriate Op Code and the desired memory
Address location.
The CS pin must be brought low for a minimum of 250ns (Tcs) between each instruction when the
instruction is continuously executed.
Instruction
Start
Bit
Op
Code
Address
Data
Comments
READ
1
10
A5-A0
D15-D0
Reads data stored in memory, at specified address.
WRITE
1
01
A5-A0
D15-D0
Writes register.
EWEN
1
00
11XXXX
Write enable must precede all programming modes.
EWDS
1
00
00XXXX
Disables all programming instructions.
WRAL
1
00
01XXXX
D15-D0
Writes all registers.
X: Don't care
table1. Instruction Set for the AK93C45B
Instruction
Start
Bit
Op
Code
Address
Data
Comments
READ
1
10
X A6-A0
D15-D0
Reads data stored in memory, at specified address.
WRITE
1
01
X A6-A0
D15-D0
Writes register.
EWEN
1
00
11XXXXXX
Write enable must precede all programming modes.
EWDS
1
00
00XXXXXX
Disables all programming instructions.
WRAL
1
00
01XXXXXX
D15-D0
Writes all registers.
X: Don't care
table2. Instruction Set for the AK93C55B
Instruction
Start
Bit
Op
Code
Address
Data
Comments
READ
1
10
A7-A0
D15-D0
Reads data stored in memory, at specified address.
WRITE
1
01
A7-A0
D15-D0
Writes register.
EWEN
1
00
11XXXXXX
Write enable must precede all programming modes.
EWDS
1
00
00XXXXXX
Disables all programming instructions.
WRAL
1
00
01XXXXXX
D15-D0
Writes all registers.
X: Don't care
table3. Instruction Set for the AK93C65B
Instruction
Start
Bit
Op
Code
Address
Data
Comments
READ
1
10
X A8-A0
D15-D0
Reads data stored in memory, at specified address.
WRITE
1
01
X A8-A0
D15-D0
Writes register.
EWEN
1
00
11XXXXXXXX
Write enable must precede all programming modes.
EWDS
1
00
00XXXXXXXX
Disables all programming instructions.
WRAL
1
00
01XXXXXXXX
D15-D0
Writes all registers.
X: Don't care
table4. Instruction Set for the AK93C75B
(Note)
The WRAL instruction are used for factory function test only.
User can't use the WRAL instruction.
The AK93C45B/55B/65B/75B perceives the start bit in the logic"1" and also "01".


Similar Part No. - AK93C45B_03

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45BH AKM-AK93C45BH Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
More results

Similar Description - AK93C45B_03

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com