Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ25A3.3 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZ25A3.3
Description  250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ25A3.3 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZ25A3.3 Datasheet HTML 1Page - Solid States Devices, Inc SZ25A3.3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1/
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2/
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3/
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
4/
For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
5/
Screened to MIL-PRF-19500.
6/
Suffix “L” for Axial, “SM” for Round Tab Surface Mount, and “SMS” for Square Tab Surface Mount.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZ25A2.4
thru
SZ25A43
Electrical Characteristics @ 25°C (Unless Otherwise Specified)
Maximum Continuous
Current
PART
NUMBER 6/
Nominal
Zener
Voltage
(note 1)
Zener
Test
Current
Maximum
Zener
Impedance
(note 2)
Maximum Reverse
Leakage Current
Axial (L)
Surface Mount
(SM) and (SMS)
Voltage Tolerance
VZ @ IZT
IZT
ZZ @ IZT
IR @
VR
VR
10% (A Suffix)
VR
5% (B Suffix)
IZM
IZM
10%
5%
Volts
mA
Ohms
μA
Volts
Volts
mA
mA
SZ25A2.4
SZ25A2.7
SZ25A3.0
SZ25A3.3
SZ25A3.6
SZ25B2.4
SZ25B2.7
SZ25B3.0
SZ25B3.3
SZ25B3.6
2.4
2.7
3.0
3.3
3.6
10
10
10
10
10
30
30
30
28
24
100
75
50
25
15
0.95
0.95
0.95
0.95
0.95
1.0
1.0
1.0
1.0
1.0
95
90
85
80
75
142.5
135.0
127.5
120.0
112.5
SZ25A3.9
SZ25A4.3
SZ25A4.7
SZ25A5.1
SZ25A5.6
SZ25B3.9
SZ25B4.3
SZ25B4.7
SZ25B5.1
SZ25B5.6
3.9
4.3
4.7
5.1
5.6
10
10
10
10
5
23
22
20
18
14
10
5
5
5
5
0.95
0.95
1.9
1.9
2.9
1.0
1.0
2.0
2.0
3.0
70
65
60
55
50
105.0
97.5
90.0
82.5
75.0
SZ25A6.2
SZ25A6.8
SZ25A7.5
SZ25A8.2
SZ25A8.7
SZ25B6.2
SZ25B6.8
SZ25B7.5
SZ25B8.2
SZ25B8.7
6.2
6.8
7.5
8.2
8.7
5
5
5
5
5
10
8
8
9
9
5
3
3
3
3
3.8
4.8
5.7
6.2
6.2
4.0
5.0
6.0
6.5
6.5
45
35
31.8
29.0
27.4
67.5
52.5
47.7
43.5
41.1
SZ25A9.1
SZ25A10
SZ25A11
SZ25A12
SZ25A13
SZ25B9.1
SZ25B10
SZ25B11
SZ25B12
SZ25B13
9.1
10
11
12
13
5
5
5
5
5
11
18
24
32
15
3
3
2
1
0.5
6.7
7.6
8.0
8.7
9.4
7.0
8.0
8.4
9.1
9.9
26.2
24.8
21.6
20.4
19.0
39.3
37.2
32.4
30.6
28.5
SZ25A14
SZ25A15
SZ25A16
SZ25A17
SZ25A18
SZ25B14
SZ25B15
SZ25B16
SZ25B17
SZ25B18
14
15
16
17
18
5
2
2
2
2
16
18
18
20
22
0.1
0.1
0.1
0.1
0.1
9.5
10.5
11.4
12.4
13.3
10.0
11.0
12.0
13.0
14.0
17.5
16.3
15.4
14.5
13.2
26.25
24.45
23.10
21.75
19.80
SZ25A19
SZ25A20
SZ25A22
SZ25A24
SZ25A25
SZ25B19
SZ25B20
SZ25B22
SZ25B24
SZ25B25
19
20
22
24
25
2
2
1
1
1
24
26
30
34
36
0.1
0.1
0.1
0.1
0.1
13.3
14.3
16.2
17.1
18.1
14.0
15.0
17.0
18.0
19.0
12.5
11.9
10.8
9.9
9.5
18.75
17.85
16.20
14.85
14.25
SZ25A27
SZ25A28
SZ25A30
SZ25A33
SZ25A36
SZ25B27
SZ25B28
SZ25B30
SZ25B33
SZ25B36
27
28
30
33
36
1
1
1
1
1
42
44
50
58
70
0.1
0.1
0.1
0.1
0.1
20.0
20.0
22.0
24.0
26.0
21.0
21.0
23.0
25.0
27.0
8.8
8.5
7.9
7.2
6.6
13.20
12.75
11.85
10.80
9.90
SZ25A39
SZ25A43
SZ25B39
SZ25B43
39
43
1
1
80
93
0.1
0.1
29.0
31.0
30.0
33.0
6.1
5.5
9.15
8.25
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00001G
DOC


Similar Part No. - SZ25A3.3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ25A2.4 SSDI-SZ25A2.4 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
SZ25A2.4 SSDI-SZ25A2.4_1 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
More results

Similar Description - SZ25A3.3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
Z00001M SSDI-Z00001M Datasheet
130Kb / 2P
   250mW and 400mW 2.4 ??43 VOLTS ZENER DIODES
SZ25A2.4 SSDI-SZ25A2.4_1 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
Central Semiconductor C...
CMDZ2L4 CENTRAL-CMDZ2L4 Datasheet
100Kb / 2P
   SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4_10 Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
logo
Central Semiconductor C...
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
112Kb / 2P
   500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
logo
Digitron Semiconductors
1N4678 DIGITRON-1N4678 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com