Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK93C85AM Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK93C85AM
Description  16K / 32K / 64Kbit Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C85AM Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK93C85AM Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 11Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 12Page - Asahi Kasei Microsystems AK93C85AM Datasheet HTML 13Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ASAHI KASEI
[AK93C85A/95A/10A]
DAM02E-03
2004/05
- 9 -
Electrical Characteristics
(1) D.C. ELECTRICAL CHARACTERISTICS
( 1.8V
≤ VCC ≤ 5.5V, -40°C ≤ Ta ≤ 85°C, unless otherwise specified )
Parameter
Symbol
Condition
Min.
Max.
Unit
ICC1
VCC=5.5V, tSKP=1.0
µs, *1
5.5
mA
Current Dissipation
(WRITE)
ICC2
VCC=1.8V, tSKP=4.0
µs, *1
3.0
mA
ICC3
VCC=5.5V, tSKP=1.0
µs, *1
0.4
mA
Current Dissipation
(READ, EWEN, EWDS)
ICC4
VCC=1.8V, tSKP=4.0
µs, *1
0.1
mA
Current Dissipation
(Standby)
ICCSB
VCC=5.5V
*2
0.8
µA
Input High Voltage
VIH
0.8 x VCC
VCC + 0.5
V
Input Low Voltage
VIL
-0.1
0.2 x VCC
V
Output High Voltage
VOH1
2.5V
≤ VCC ≤ 5.5V
IOH=-0.1mA
0.8 x VCC
V
VOH2
1.8V
≤ VCC < 2.5V
IOH=-0.1mA
0.8 x VCC
V
Output Low Voltage
VOL1
2.5V
≤ VCC ≤ 5.5V
IOL=1.0mA
0.4
V
VOL2
1.8V
≤ VCC < 2.5V
IOL=0.1mA
0.4
V
Input Leakage
ILI
VCC=5.5V, VIN=5.5V
±1.0
µA
Output Leakage
ILO
VCC=5.5V,
VOUT=5.5V, CS=GND
±1.0
µA
*1 : VIN=VIH/VIL, DO=Open
*2 : VIN=VCC/GND, CS=GND, DO=Open


Similar Part No. - AK93C85AM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85AM AKM-AK93C85AM Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
More results

Similar Description - AK93C85AM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
   CMOS 16K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com