Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9875A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9875A
Description  Digital TV Sound Processor DTVSP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875A Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9875A Datasheet HTML 1Page - NXP Semiconductors TDA9875A Datasheet HTML 2Page - NXP Semiconductors TDA9875A Datasheet HTML 3Page - NXP Semiconductors TDA9875A Datasheet HTML 4Page - NXP Semiconductors TDA9875A Datasheet HTML 5Page - NXP Semiconductors TDA9875A Datasheet HTML 6Page - NXP Semiconductors TDA9875A Datasheet HTML 7Page - NXP Semiconductors TDA9875A Datasheet HTML 8Page - NXP Semiconductors TDA9875A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
1999 Dec 20
5
Philips Semiconductors
Product specification
Digital TV Sound Processor (DTVSP)
TDA9875A
2.1.3
SATELLITE SYSTEMS
An important specification for satellite TV reception is the
‘Astra specification’. The TDA9875A is suited for the reception
of Astra and other satellite signals.
Table 4
FM satellite sound
Notes
1. For other satellite systems, frequencies of e.g. 5.80, 6.60 or 6.65 MHz can also be received.
2. A de-emphasis of 60
µs, or in accordance with J17, is available.
3. m/st/d = mono, stereo or dual language sound.
4. Adaptive de-emphasis is compatible to transmitter specification.
3
ORDERING INFORMATION
CARRIER TYPE
CARRIER
FREQUENCY
(MHz)
MODULATION
INDEX
MAXIMUM
FM DEVIATION
(kHz)
MODULATION
BANDWIDTH/
DE-EMPHASIS
(kHz/
µs)
Main
6.50(1)
0.26
85
mono
15/50(2)
Sub
7.02/7.20
0.15
50
m/st/d(3)
15/adaptive(4)
Sub
7.38/7.56
Sub
7.74/7.92
Sub
8.10/8.28
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9875A
SDIP64
plastic shrink dual in-line package; 64 leads (750 mil)
SOT274-1
TDA9875AH
QFP64
plastic quad flat package; 64 leads (lead length 1.6 mm);
body 14
× 14 × 2.7 mm
SOT393-1


Similar Part No. - TDA9875A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875AH PHILIPS-TDA9875AH Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
More results

Similar Description - TDA9875A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9875 PHILIPS-TDA9875 Datasheet
279Kb / 92P
   Digital TV Sound Processor DTVSP
1998 Feb 13
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
   TV-SOUND PROCESSOR
TA1343N TOSHIBA-TA1343N Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com