Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK6004AF Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK6004AF
Description  I2C bus 4K / 16Kbit Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6004AF Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK6004AF Datasheet HTML 1Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 2Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 3Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 4Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 5Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 6Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 7Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 8Page - Asahi Kasei Microsystems AK6004AF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ASAHI KASEI
[AK6004A/08A]
DAI01E-02
2002/11
- 2 -
General Description
The AK6004A/08A is a 4096/16384-bit serial CMOS EEPROM divided into 512/2048 registers of 8
bits each.
The AK6004A/08A can operate full function under wide operating voltage range from 1.8V to 5.5V.
The charge up circuit is integrated for high voltage generation that is used for write operation.
The AK6004A/08A conforms to all specifications in the 2 wire protocol and is controlled by serial
clock (SCL) and serial data (SDA) line.
Some devices can be connected to the same bus. Each device connected to the bus is software
addressable by a unique address, and can operate as either a transmitter or receiver. In addition
to transmitters and receivers, devices can also be considered as masters or slaves when performing
data transfers (see Table1). The master is the device which initiates a data transfers on the bus
and generates the clock signals to permit that transfer. At that time, the device addressed is
considered as the slave.
TERM
DESCRIPTION
Transmitter
The device which sends the data to the bus
Receiver
The device which receives the data from the bus
Master
The device which initiates a transfer, generates clock signals and
terminates a transfer
Slave
The device addressed by a master
Table 1. Definitions
Pin arrangement
Pin Name
Function
S1, S2
Device Address Inputs
SCL
Clock Input
SDA
Data Input / Output
WC
Write Control
VCC
Power Supply
GND
Ground
NC
Not Connected
Type of Products
Model
Memory size
Temp. Range
VCC
Package
AK6004AF
4K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SOP
AK6008AF
16K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SOP
AK6004A
GND
S2
NC
S1
2
1
3
4
VCC
7
8
6
5SDA
SCL
WC
AK6008A
GND
NC
NC
NC
2
1
3
4
VCC
7
8
6
5SDA
SCL
WC


Similar Part No. - AK6004AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6004AF AKM-AK6004AF Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
More results

Similar Description - AK6004AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6416C AKM-AK6416C Datasheet
139Kb / 14P
   16Kbit Serial CMOS EEPROM
AK6416A AKM-AK6416A Datasheet
118Kb / 12P
   16Kbit Serial CMOS EEPROM
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
logo
Microchip Technology
24AA04 MICROCHIP-24AA04_09 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24LC04B-ESN MICROCHIP-24LC04B-ESN Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA044 MICROCHIP-24AA044 Datasheet
931Kb / 32P
   4K I2C??Serial EEPROM
03/25/14
24AA04IP MICROCHIP-24AA04IP Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
02/04/09
24AA04 MICROCHIP-24AA04_07 Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
24LC04BT-I-SNG MICROCHIP-24LC04BT-I-SNG Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com