Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZF2002 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 7Page - NXP Semiconductors SZF2002 Datasheet HTML 8Page - NXP Semiconductors SZF2002 Datasheet HTML 9Page - NXP Semiconductors SZF2002 Datasheet HTML 10Page - NXP Semiconductors SZF2002 Datasheet HTML 11Page - NXP Semiconductors SZF2002 Datasheet HTML 12Page - NXP Semiconductors SZF2002 Datasheet HTML 13Page - NXP Semiconductors SZF2002 Datasheet HTML 14Page - NXP Semiconductors SZF2002 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
1998 Aug 26
11
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
9
MEMORY ORGANIZATION
The SZF2002 has 6 kbytes of program memory plus
6 kbytes + 256 bytes of data memory on chip. The device
has separate address spaces for program and data
memory (see Fig.4).
The SZF2002 can directly address up to 256 kbytes of
external data memory. The CPU generates the read
strobe (OE), the write strobe (WE) and chip select (CE) for
external program memory (Flash), and read strobe (OE)
and write strobe (WE) and chip select (RAMCE) for
external data memory.
9.1
Program memory
The SZF2002 contains 6 kbytes of internal ROM and
6144 + 256 bytes of RAM. The lower 6 kbytes of program
memory can be implemented in either on-chip ROM or
external program memory. The 6 kbytes of program
memory is implemented as mask programmable ROM.
There are two modes for the program memory, depending
on the state of the EA pin (latched during reset) and on the
address range:
1. EA = 0. All program fetches are directed to the
external program memory. After reset the CPU begins
execution at location 8000H.
2. EA = 1. After reset the CPU begins execution at
location 0000H. Fetches from addresses
2000H to 37FFH are redirected to the Auxiliary RAM.
The processor can fill this RAM with normal write
operations to the data memory (MOVX to addresses
0000H to 17FFH). Program memory fetches from
addresses 0000H to 17FFH are directed to the
internal ROM.
Program Counter values greater than 7FFFH are
automatically addressed to external memory regardless of
the state of the EA pin.
9.2
Data memory
The SZF2002 contains 6144 + 256 bytes of RAM and a
number of Special Function Registers (SFRs). All these
data spaces are addressed differently. Figure 4 shows the
internal data memory space divided into the lower
128 bytes, the upper 128 bytes, Auxiliary RAM, and the
SFRs space. Internal RAM locations 0 to 127 are directly
and indirectly addressed. Internal RAM locations
128 to 255 are only indirectly addressed.
The Special Function Register locations 128 to 255 are
only directly addressed. Auxiliary RAM is accessible via
MOVX instructions to the lower 32-kbyte address space.
MOVX @R0/R1 instructions use SFR P2 as page
selector. The upper 32-kbyte address space is redirected
to the program memory, to accommodate flash
programming.
9.3
Special Function Registers (SFRs)
The upper 128 bytes are the address locations of the
SFRs. Figures 6 and 7 show the Special Function
Registers space. The SFRs include the port latches,
timers, peripheral control, serial I/O registers, etc. These
registers are accessed by direct addressing. There are
128 directly addressed locations in the SFR address
space. Bit addressed SFRs are those that end in 000B.
9.4
Addressing
The SZF2002 has five methods for addressing source
operands:
• Register
• Direct
• Indirect
• Immediate
• Base-Register plus Index-Register-Indirect.
The first three methods can be used for addressing
destination operands. Most instructions have a
‘destination/source’ field that specifies the data type,
addressing methods and operands involved.
For operations other than MOVs, the destination operand
is also a source operand.
Access to memory addressing is as follows:
• Registers in one of the four register banks through Direct
or Indirect (see Fig.5)
• Lower 128 bytes of internal RAM through Direct or
register Indirect; upper 128 bytes of internal RAM
through Indirect
• Special Function Registers through Direct
• Program memory look-up tables through Base-Register
plus Index-Register-Indirect
• Extended data memory access through register Indirect.


Similar Part No. - SZF2002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SZF-0-0 PHOENIX-SZF-0-0 Datasheet
64Kb / 3P
   In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
logo
List of Unclassifed Man...
SZF-01T-P0.7 ETC1-SZF-01T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
PHOENIX CONTACT
SZF-1-0 PHOENIX-SZF-1-0 Datasheet
64Kb / 3P
   In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
SZF-2-0 PHOENIX-SZF-2-0 Datasheet
93Kb / 3P
   The illustration shows version SZF 1 -0,6 x 3,5
SZF-3-1 PHOENIX-SZF-3-1 Datasheet
55Kb / 4P
   In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
More results

Similar Description - SZF2002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_10 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12 Kbyte Flash
logo
NXP Semiconductors
P87CL881H PHILIPS-P87CL881H Datasheet
139Kb / 32P
   Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
1999 Apr 16
logo
ATMEL Corporation
AT89LP2052 ATMEL-AT89LP2052_08 Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_09 Datasheet
1Mb / 94P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 89P
   8-bit Microcontroller with 2/4-Kbyte Flash
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
   8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
logo
Advanced Micro Devices
AM486DE2 AMD-AM486DE2 Datasheet
1Mb / 52P
   8-Kbyte Write-Through Embedded Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com