Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5407-TB Datasheet(PDF) 2 Page - Won-Top Electronics

Part # UF5407-TB
Description  3.0A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF5407-TB Datasheet(HTML) 2 Page - Won-Top Electronics

  UF5407-TB Datasheet HTML 1Page - Won-Top Electronics UF5407-TB Datasheet HTML 2Page - Won-Top Electronics UF5407-TB Datasheet HTML 3Page - Won-Top Electronics UF5407-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UF5400 – UF5408
2 of 4
© 2006 Won-Top Electronics

0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
UF5400 - UF5403
UF5406 - UF5408
UF5404
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
UF5406 - UF5408
0
1
2
3
4
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
UF5400 - UF5404


Similar Part No. - UF5407-TB

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
UF5407-2C3A-2CDO-27 DGNJDZ-UF5407-2C3A-2CDO-27 Datasheet
69Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Gulf Semiconductor
UF5407-E GULFSEMI-UF5407-E Datasheet
218Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER Voltage: 50 to 1000V Current: 3.0A
logo
Frontier Electronics.
UF5407-LFR FRONTIER-UF5407-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - UF5407-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UF5401 ZSELEC-UF5401 Datasheet
109Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5404 GXELECTRONICS-UF5404 Datasheet
325Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER301 ZSELEC-HER301 Datasheet
116Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5400 GXELECTRONICS-UF5400 Datasheet
325Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UG3001 ZSELEC-UG3001 Datasheet
137Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
EGP30A ZSELEC-EGP30A Datasheet
90Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
HER301G ZSELEC-HER301G Datasheet
134Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
UF300G ZSELEC-UF300G Datasheet
139Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
UG5401 ZSELEC-UG5401 Datasheet
137Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com