Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4367 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4367
Description  Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4367 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4367 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4367 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ASAHI KASEI
[AK4367]
MS0247-E-02
2005/10
- 9 -
DC CHARACTERISTICS
(Ta=25
°C; VDD, HVDD=2.2 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
VIH
70
%DVDD
-
-
V
Low-Level Input Voltage
VIL
-
-
30
%DVDD
V
Input Voltage at AC Coupling
(Note 16)
VAC
1.0
-
-
Vpp
Low-Level Output Voltage
(Iout = 3mA)
VOL
-
-
0.4
V
Input Leakage Current
(Note 17)
Iin
-
-
±10
µA
Note 16. Only MCLK pin. (Figure 33)
Note 17. I2C pin has internal pull-down device, nominally 100k
Ω.
SWITCHING CHARACTERISTICS
(Ta=25
°C; VDD, HVDD=2.2 ∼ 3.6V; CL = 20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Frequency
fCLK
2.048
-
24.576
MHz
Pulse Width Low
(Note 18)
tCLKL
0.4/fCLK
-
-
ns
Pulse Width High
(Note 18)
tCLKH
0.4/fCLK
-
-
ns
AC Pulse Width
(Note 21)
tACW
20
-
-
ns
LRCK Timing
Frequency
fs
8
44.1
48
kHz
Duty Cycle:
Duty
45
-
55
%
Serial Interface Timing (Note 19)
BICK Period
tBCK
1/(64fs)
-
-
ns
BICK Pulse Width Low
tBCKL
130
-
-
ns
Pulse Width High
tBCKH
130
-
-
ns
LRCK Edge to BICK “
↑”
(Note 20)
tLRB
50
-
-
ns
BICK “
↑” to LRCK Edge
(Note 20)
tBLR
50
-
-
ns
SDATA Hold Time
tSDH
50
-
-
ns
SDATA Setup Time
tSDS
50
-
-
ns
Control Interface Timing (3-wire Serial mode)
CCLK Period
tCCK
200
-
-
ns
CCLK Pulse Width Low
tCCKL
80
-
-
ns
Pulse Width High
tCCKH
80
-
-
ns
CDTI Setup Time
tCDS
40
-
-
ns
CDTI Hold Time
tCDH
40
-
-
ns
CSN “H” Time
tCSW
150
-
-
ns
CSN “
↑” to CCLK “↑”
tCSS
50
-
-
ns
CCLK “
↑” to CSN “↑”
tCSH
50
-
-
ns
Note 18. Except AC coupling.
Note 19. Refer to “Serial Data Interface”.
Note 20. BICK rising edge must not occur at the same time as LRCK edge.
Note 21. Pulse width to ground level when MCLK is connected to a capacitor in series and a resistor is connected to
ground. (Refer to Figure 3.)


Similar Part No. - AKD4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4367 AKM-AKD4367 Datasheet
291Kb / 24P
   Evaluation board Rev.B for AK4367
More results

Similar Description - AKD4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4367 AKM-AK4367 Datasheet
433Kb / 38P
   OUTPUT MIXER & HP - AMP 24 BIT 2 CH DAC
AK4691 AKM-AK4691 Datasheet
1,017Kb / 80P
   4ch ADC 2ch DAC with MIC/HP/SPK-AMP
AK4342 AKM-AK4342 Datasheet
567Kb / 43P
   24-Bit Stereo DAC with HP-AMP & 2V Line-Out
AK4383 AKM-AK4383 Datasheet
280Kb / 25P
   192kHz 24-Bit 2ch DAC with DSD input
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com