Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4702EQ Datasheet(PDF) 30 Page - Asahi Kasei Microsystems

Part # AK4702EQ
Description  2ch DAC with AV SCART switch
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4702EQ Datasheet(HTML) 30 Page - Asahi Kasei Microsystems

Back Button AK4702EQ Datasheet HTML 26Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 27Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 28Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 29Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 30Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 31Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 32Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 33Page - Asahi Kasei Microsystems AK4702EQ Datasheet HTML 34Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
ASAHI KASEI
[AK4702EQ]
MS0424-E-00
2005/09
- 30 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
06H
Video Volume
0
VCLP1
VCLP0
0
CLAMP1
CLAMP0
VVOL1
VVOL0
R/W
R/W
default
0
0
0
0
0
1
0
0
VVOL1-0: RGB video gain control
VVOL1
VVOL0
Gain
Output level (Typ. @Input=0.7Vpp)
0
0
+6dB
1.4Vpp (default)
0
1
+7.2dB
1.6Vpp
1
0
+8.2dB
1.8Vpp
1
1
+9.1dB
2.0Vpp
Table 15. RGB gain
CLAMP1 : Encoder R/Chroma (ENCRC pin)input clamp control
0
: DC restore clamp active (for RED signal. default)
1
: Biased (for Chroma signal.)
CLAMP0 : VCR R/C (VCRC pin)input clamp control
0
: DC restore clamp active (for RED signal)
1
: Biased (for Chroma signal. default.)
VCLP1-0 : DC restore source control
VCLP1
VCLP0
Sync Source of DC Restore
0
0
ENCV (default)
0
1
ENCY
1
0
VCRVIN
1
1
(Reserved)
Table 16. DC restore source control


Similar Part No. - AK4702EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
More results

Similar Description - AK4702EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4705VQ AKM-AK4705VQ Datasheet
1Mb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com