Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4534 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4534
Description  16Bit CODEC with MIC/HP/SPK-AMP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4534 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4534 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ASAHI KASEI
[AK4534]
MS0133-E-03
2003/5
- 8 -
Parameter
min
typ
max
Units
Mono Output:
RL=10kΩ, DAC → MIX → MOUT2
Output Voltage
(Note 13)
1.94
Vpp
Load Resistance
10
k
Load Capacitance
(Note 14)
30
pF
Power Supplies
Power Up (PDN = “H”)
AVDD+DVDD
(Note 15)
16
26
mA
PVDD
1.2
2
mA
HVDD: HP-AMP Normal Operation
No Output
(Note 16)
6.5
10
mA
HVDD: SPK-AMP Normal Operation
No Output
(Note 17)
9
18
mA
Power Down (PDN = “L”)
(Note 18)
AVDD+DVDD
10
100
µA
PVDD
10
100
µA
HVDD
10
100
µA
Note 4. Output voltage is proportional to AVDD voltage. Vout = 0.75 x AVDD.
Note 5. When IPGA Gain is changed, this typical value changes between 8k
Ω and 11kΩ.
Note 6. Input voltage is proportional to AVDD voltage. Vin = 0.06 x AVDD.
Note 7. Output voltage is proportional to AVDD voltage. Vout = 1.2 x AVDD at Full-differential output.
Vout = 0.6 x AVDD at Single-end Output
Note 8. Output voltage is proportional to AVDD voltage. Vout = 0.582 x AVDD.
Note 9. Output voltage is proportional to AVDD voltage. Vout = 0.897 x AVDD at Full-differential output.
Note 10. BEEP-AMP can’t output more than this maximum voltage.
Note 11. Maximum Input Voltage is proportional to AVDD voltage. Vin = 0.6 x AVDD.
Note 12. When ALC2 Gain is changed, this typical value changes between 22k
Ω and 26kΩ.
Note 13. Output Voltage is proportional to AVDD voltage. Vout = 0.588 x AVDD.
Note 14. When the output pin drives a capacitive load, a resistor should be added in series between the output pin and
capacitive load.
Note 15. PMMIC=PMADC=PMDAC=PMMO=PMSPK=PMHPL=PMHPR=PMVCM=PMPLL=PMXTL=PMBPM
=PMBPS=“1”,MCKO=”1” and Master Mode. AVDD : 10mA (typ.), DVDD : 6mA (typ.)
AVDD : 10mA (typ.), DVDD : 4mA (typ.) at MCKO= “0” in Slave Mode
Note 16. PMMIC=PMADC=PMDAC=PMMO=PMHPL=PMHPR=PMVCM=PMPLL=PMXTL=PMBPM
=PMBPS=“1”, PMSPK=“0”.
Note 17. PMMIC=PMADC=PMDAC=PMMO=PMSPK=PMVCM=PMPLL=PMXTL=PMBPM=PMBPS=“1”
PMHPL=PMHPR=“0”.
Note 18. All digital input pins are fixed to DVDD or DVSS.
HPL/HPR pin
HP-Amp
47
µF
C1
16
C2
> 6.8
Figure 1. Headphone-amp output circuit


Similar Part No. - AK4534

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4532 AKM-AK4532 Datasheet
345Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AK4532 AKM-AK4532_04 Datasheet
244Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4536VN AKM-AK4536VN Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results

Similar Description - AK4534

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com