Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4005G-T3 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # UF4005G-T3
Description  1.0A GLASS PASSIVATED ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF4005G-T3 Datasheet(HTML) 4 Page - Won-Top Electronics

  UF4005G-T3 Datasheet HTML 1Page - Won-Top Electronics UF4005G-T3 Datasheet HTML 2Page - Won-Top Electronics UF4005G-T3 Datasheet HTML 3Page - Won-Top Electronics UF4005G-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UF4001G – UF4007G
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
UF4001G-T3
DO-41
5000/Tape & Reel
UF4001G-TB
DO-41
5000/Tape & Box
UF4001G
DO-41
1000 Units/Box
UF4002G-T3
DO-41
5000/Tape & Reel
UF4002G-TB
DO-41
5000/Tape & Box
UF4002G
DO-41
1000 Units/Box
UF4003G-T3
DO-41
5000/Tape & Reel
UF4003G-TB
DO-41
5000/Tape & Box
UF4003G
DO-41
1000 Units/Box
UF4004G-T3
DO-41
5000/Tape & Reel
UF4004G-TB
DO-41
5000/Tape & Box
UF4004G
DO-41
1000 Units/Box
UF4005G-T3
DO-41
5000/Tape & Reel
UF4005G-TB
DO-41
5000/Tape & Box
UF4005G
DO-41
1000 Units/Box
UF4006G-T3
DO-41
5000/Tape & Reel
UF4006G-TB
DO-41
5000/Tape & Box
UF4006G
DO-41
1000 Units/Box
UF4007G-T3
DO-41
5000/Tape & Reel
UF4007G-TB
DO-41
5000/Tape & Box
UF4007G
DO-41
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, UF4001G-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - UF4005G-T3

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
UF4005G-LFR FRONTIER-UF4005G-LFR Datasheet
129Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - UF4005G-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UF100G ZSELEC-UF100G Datasheet
89Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
HFM101 ZSELEC-HFM101 Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
US1AW ZSELEC-US1AW Datasheet
97Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
US1000FL ZSELEC-US1000FL Datasheet
150Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
EGF1A ZSELEC-EGF1A Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com