Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1008FCT Datasheet(PDF) 4 Page - Won-Top Electronics

Part # UF1008FCT
Description  10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF1008FCT Datasheet(HTML) 4 Page - Won-Top Electronics

  UF1008FCT Datasheet HTML 1Page - Won-Top Electronics UF1008FCT Datasheet HTML 2Page - Won-Top Electronics UF1008FCT Datasheet HTML 3Page - Won-Top Electronics UF1008FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UF1000FCT – UF1008FCT
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
UF1000FCT
ITO-220
50 Units/Tube
UF1001FCT
ITO-220
50 Units/Tube
UF1002FCT
ITO-220
50 Units/Tube
UF1003FCT
ITO-220
50 Units/Tube
UF1004FCT
ITO-220
50 Units/Tube
UF1006FCT
ITO-220
50 Units/Tube
UF1008FCT
ITO-220
50 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, UF1000FCT-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - UF1008FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1008FCT WTE-UF1008FCT Datasheet
46Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
UF1008FCT PANJIT-UF1008FCT Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1008FCT YEASHIN-UF1008FCT Datasheet
40Kb / 2P
   ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
logo
PACELEADER INDUSTRIAL
UF1008FCT PACELEADER-UF1008FCT Datasheet
171Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 8800 VOLTS
More results

Similar Description - UF1008FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000CT WTE-UF1000CT Datasheet
48Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000F WTE-UF1000F_06 Datasheet
49Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT Datasheet
46Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000F WTE-UF1000F Datasheet
44Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com