Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF804 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # UF804
Description  8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF804 Datasheet(HTML) 3 Page - Won-Top Electronics

  UF804 Datasheet HTML 1Page - Won-Top Electronics UF804 Datasheet HTML 2Page - Won-Top Electronics UF804 Datasheet HTML 3Page - Won-Top Electronics UF804 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UF800 – UF808
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
WTE
= Manufacturer’s Logo
UF80x
= Device Number
x
= 0, 1, 2, 3, 4, 6 or 8
Polarity
= As Marked on Body
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
WTE
UF80x


Similar Part No. - UF804

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF804 PANJIT-UF804 Datasheet
71Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Won-Top Electronics
UF804 WTE-UF804 Datasheet
47Kb / 3P
   8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
UF804 PANJIT-UF804 Datasheet
41Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF804 CHENG-YI-UF804 Datasheet
160Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Pan Jit International I...
UF804 PANJIT-UF804 Datasheet
95Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
More results

Similar Description - UF804

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF800F WTE-UF800F_06 Datasheet
49Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF800 WTE-UF800 Datasheet
47Kb / 3P
   8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF800F WTE-UF800F Datasheet
47Kb / 3P
   8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
STTH8005D ZSELEC-STTH8005D Datasheet
100Kb / 2P
   8.0A GLASS PASSIVATED ULTRAFAST DIODE
STTH8005FP ZSELEC-STTH8005FP Datasheet
87Kb / 2P
   8.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Shenzhen Luguang Electr...
GBU8005 LUGUANG-GBU8005 Datasheet
76Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005_1 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
logo
Won-Top Electronics
ER800F WTE-ER800F_06 Datasheet
56Kb / 4P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
Zibo Seno Electronic En...
SFB810 ZSELEC-SFB810 Datasheet
122Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com