Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100DY-24A Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM100DY-24A
Description  Dual IGBTMOD A-Series Module 100 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM100DY-24A Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM100DY-24A Datasheet HTML 1Page - Powerex Power Semiconductors CM100DY-24A Datasheet HTML 2Page - Powerex Power Semiconductors CM100DY-24A Datasheet HTML 3Page - Powerex Power Semiconductors CM100DY-24A Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
CM100DY-24A
Dual IGBTMOD™ A-Series Module
100 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
100
10-5
10-4
10-3
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.186°C/W
(IGBT)
Rth(j-c) =
0.34°C/W
(FWDi)
GATE CHARGE, Q
G, (nC)
GATE CHARGE VS. VGE
20
0
16
12
8
4
0
160
320
480
800
640
VCC = 600V
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
101
102
102
101
103
102
101
VCC = 600V
VGE = 15V
RG = 3.1Ω
Tj = 25°C
Inductive Load
VCC = 400V
IC = 100A
103
COLLECTOR CURRENT, I
C, (AMPERES)
102
101
102
101
100
VCC = 600V
VGE = 15V
RG = 3.1Ω
Tj = 125°C
Inductive Load
C Snubber at Bus
VCC = 600V
VGE = 15V
IC = 100A
Tj = 125°C
Inductive Load
C Snubber at Bus
103
SWITCHING LOSS VS.
COLLECTOR CURRENT (TYPICAL)
GATE RESISTANCE, R
G, (Ω)
102
100
101
101
100
102
SWITCHING LOSS VS.
GATE RESISTANCE (TYPICAL)
ESW(on)
ESW(off)
Irr
trr
ESW(on)
ESW(off)
GATE RESISTANCE, R
G, ()
102
10-1
100
101
100
101
REVERSE RECOVERY SWITCHING LOSS VS.
GATE RESISTANCE
(TYPICAL)
EMITTER CURRENT, I
E, (AMPERES)
102
101
102
101
100
103
REVERSE RECOVERY SWITCHING LOSS VS.
EMITTER CURRENT
(TYPICAL)
VCC = 600V
VGE = 15V
IC = 100A
Tj = 125°C
Inductive Load
C Snubber at Bus
VCC = 600V
VGE = 15V
RG = 3.1Ω
Tj = 125°C
Inductive Load
C Snubber at Bus


Similar Part No. - CM100DY-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100DY-24A MITSUBISHI-CM100DY-24A Datasheet
47Kb / 5P
   HIGH POWER SWITCHING USE
CM100DY-24A MITSUBISHI-CM100DY-24A Datasheet
103Kb / 5P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24A MITSUBISHI-CM100DY-24A_09 Datasheet
103Kb / 5P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM100DY-24A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM100DY-24NF POWEREX-CM100DY-24NF Datasheet
70Kb / 4P
   Dual IGBTMOD NF-Series Module 100 Amperes/1200 Volts
CM100DU-24H POWEREX-CM100DU-24H Datasheet
517Kb / 4P
   Dual IGBTMOD 100 Amperes/1200 Volts
CM100DU-24NFH POWEREX-CM100DU-24NFH Datasheet
628Kb / 4P
   Dual IGBTMOD NFH-Series Module 100 Amperes/1200 Volts
CM100DY-24H POWEREX-CM100DY-24H Datasheet
57Kb / 4P
   Dual IGBTMOD 100 Amperes/1200 Volts
CM600DY-24A POWEREX-CM600DY-24A Datasheet
492Kb / 4P
   Dual IGBTMOD A-series Module 600 Amperes/1200 Volts
CM150DY-24A POWEREX-CM150DY-24A Datasheet
339Kb / 4P
   DUAL IGBTMOD-TM A-SERIES MODULE 150 AMPERES / 1200 VOLTS
CM100DY-34A POWEREX-CM100DY-34A Datasheet
396Kb / 4P
   Dual IGBTMOD A-Series Module 100 Amperes/1700 Volts
CM400HA-24A POWEREX-CM400HA-24A_10 Datasheet
432Kb / 4P
   Single IGBTMOD A-Series Module 400 Amperes/1200 Volts
CM600HA-24A POWEREX-CM600HA-24A Datasheet
238Kb / 4P
   Single IGBTMOD??A-Series Module 600 Amperes/1200 Volts
CM600HB-24A POWEREX-CM600HB-24A Datasheet
542Kb / 4P
   Single IGBTMOD A-Series Module 600 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com