Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U30D10C Datasheet(PDF) 1 Page - Won-Top Electronics

Part # U30D10C
Description  30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

U30D10C Datasheet(HTML) 1 Page - Won-Top Electronics

  U30D10C Datasheet HTML 1Page - Won-Top Electronics U30D10C Datasheet HTML 2Page - Won-Top Electronics U30D10C Datasheet HTML 3Page - Won-Top Electronics U30D10C Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
U30D05C – U30D60C
1 of 4
© 2006 Won-Top Electronics
Pb
U30D05C – U30D60C
30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
Features
!
Glass Passivated Die Construction
H
!
Super-Fast Switching
!
Low Forward Voltage Drop
!
Low Reverse Leakage Current
S
J
!
High Surge Current Capability
!
Plastic Material has UL Flammability
R
K
Classification 94V-O
PIN1
2
3
                L
P
Mechanical Data
N
!
Case: TO-3P, Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-750, Method 2026
A
!
Polarity: See Diagram
B
!
Weight: 5.6 grams (approx.)
!
Mounting Position: Any
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
C
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
G
D
PIN 3 -
Case, PIN 2
E
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
U30D
05C
U30D
10C
U30D
15C
U30D
20C
U30D
30C
U30D
40C
U30D
50C
U30D
60C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
350
420
V
Average Rectified Output Current
@TC = 100°C
IO
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
300
A
Forward Voltage
@IF = 15A
VFM
0.975
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
35
50
nS
Typical Junction Capacitance (Note 2)
Cj
150
100
pF
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
TO-3P
Dim
Min
Max
A
3.20
3.50
B
4.70
5.30
C
23.00
D
19.00
E
2.80
3.20
G
0.45
0.85
H
16.20
J
1.70
2.70
K
3.15 Ø
3.65 Ø
L
—4.50
M
5.25
5.65
N
1.10
1.40
P
—2.50
R
11.70
12.70
S
5.00
6.00
All Dimensions in mm


Similar Part No. - U30D10C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U30D10 MOSPEC-U30D10 Datasheet
138Kb / 2P
   POWER RECTIFIERS(30A,50-200V)
logo
Chenmko Enterprise Co. ...
U30D10PT CHENMKO-U30D10PT Datasheet
116Kb / 2P
   ULTRA FSAT RECTIFIER
More results

Similar Description - U30D10C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
U16D05C WTE-U16D05C Datasheet
59Kb / 4P
   16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
H30D05C WTE-H30D05C Datasheet
55Kb / 4P
   30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
SF3001PT WTE-SF3001PT Datasheet
45Kb / 3P
   30A SUPER-FAST GLASS PASSIVATED RECTIFIER
HER3001PT WTE-HER3001PT Datasheet
50Kb / 3P
   30A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Nell Semiconductor Co.,...
MTP30 NELLSEMI-MTP30 Datasheet
1Mb / 3P
   Glass Passivated Three-Phase Bridge Rectifier, 30A
MTP30X NELLSEMI-MTP30X Datasheet
1Mb / 3P
   Glass Passivated Three-Phase Bridge Rectifier, 30A
GBJ30 NELLSEMI-GBJ30 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 30A
MTP3016 NELLSEMI-MTP3016 Datasheet
1Mb / 3P
   Glass Passivated Three-Phase Bridge Rectifier 30A/1600V
logo
Won-Top Electronics
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com