Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U30D05C Datasheet(PDF) 4 Page - Won-Top Electronics

Part # U30D05C
Description  30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

U30D05C Datasheet(HTML) 4 Page - Won-Top Electronics

  U30D05C Datasheet HTML 1Page - Won-Top Electronics U30D05C Datasheet HTML 2Page - Won-Top Electronics U30D05C Datasheet HTML 3Page - Won-Top Electronics U30D05C Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
U30D05C – U30D60C
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
U30D05C
TO-3P
30 Units/Tube
U30D10C
TO-3P
30 Units/Tube
U30D15C
TO-3P
30 Units/Tube
U30D20C
TO-3P
30 Units/Tube
U30D30C
TO-3P
30 Units/Tube
U30D40C
TO-3P
30 Units/Tube
U30D50C
TO-3P
30 Units/Tube
U30D60C
TO-3P
30 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, U30D05C-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - U30D05C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U30D05 MOSPEC-U30D05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(30A,50-200V)
logo
Chenmko Enterprise Co. ...
U30D05PT CHENMKO-U30D05PT Datasheet
116Kb / 2P
   ULTRA FSAT RECTIFIER
More results

Similar Description - U30D05C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
U16D05C WTE-U16D05C Datasheet
59Kb / 4P
   16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
H30D05C WTE-H30D05C Datasheet
55Kb / 4P
   30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
SF3001PT WTE-SF3001PT Datasheet
45Kb / 3P
   30A SUPER-FAST GLASS PASSIVATED RECTIFIER
HER3001PT WTE-HER3001PT Datasheet
50Kb / 3P
   30A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Nell Semiconductor Co.,...
MTP30 NELLSEMI-MTP30 Datasheet
1Mb / 3P
   Glass Passivated Three-Phase Bridge Rectifier, 30A
MTP30X NELLSEMI-MTP30X Datasheet
1Mb / 3P
   Glass Passivated Three-Phase Bridge Rectifier, 30A
GBJ30 NELLSEMI-GBJ30 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 30A
MTP3016 NELLSEMI-MTP3016 Datasheet
1Mb / 3P
   Glass Passivated Three-Phase Bridge Rectifier 30A/1600V
logo
Won-Top Electronics
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com