Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24014DRCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24014DRCR
Description  SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24014DRCR Datasheet(HTML) 3 Page - Texas Instruments

  BQ24014DRCR Datasheet HTML 1Page - Texas Instruments BQ24014DRCR Datasheet HTML 2Page - Texas Instruments BQ24014DRCR Datasheet HTML 3Page - Texas Instruments BQ24014DRCR Datasheet HTML 4Page - Texas Instruments BQ24014DRCR Datasheet HTML 5Page - Texas Instruments BQ24014DRCR Datasheet HTML 6Page - Texas Instruments BQ24014DRCR Datasheet HTML 7Page - Texas Instruments BQ24014DRCR Datasheet HTML 8Page - Texas Instruments BQ24014DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
(1)
(
)
SET
SET
SET
O(OUT)
K
x V
(
)
(
)
I
=
R(
)
(2)
(
)
SET
PRECHG
SET
O(PRECHG)
K
x V
(
)
(
)
I
=
R(
)
(3)
(
)
SET
TAPER
SET
O(TAPER)
K
x V
(
)
(
)
I
=
R(
)
ELECTRICAL CHARACTERISTICS
bq24010, bq24012
bq24013, bq24014, bq24018
SLUS530H – SEPTEMBER 2002 – REVISED JUNE 2007
over 0
°C ≤ T
J ≤ 125°C and recommended supply voltage, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT
ICC(VCC)
VCC current
VCC > VCC(min), STATx pins in OFF state
0
3.5
5
mA
ICC(SLP)
Sleep current
Sum of currents into OUT and BAT pins, VCC < V(SLP)
5
μA
IIB(BAT)
Input bias current on BAT pin
500
nA
IIB(TS)
Input current on TS pin
VI(TS) ≤ 10 V
1
IIB(CE)
Input current on CE pin
1
μA
IIB(TTE)
Input bias current on TTE pin
1
VOLTAGE REGULATION VO(REG) + V(DO–MAX) ≤ VCC, I(TERM) < IO(OUT) ≤ 1 A
bq24010, bq24012, bq24013, bq24014
4.2
V
Output voltage, VO(REG)
bq24018
4.36
TA = 25°C
–0.5
0.5%
%
Voltage regulation accuracy
–1%
1%
V(DO)
Dropout voltage (V(IN) – V(OUT))
VO(REG) + V(DO–MAX)) ≤ VCC, IO(OUT) = 1A
650
790
mV
CURRENT REGULATION
VCC ≥ 4.5 V, VIN ≥ 4.5 V, VI(BAT) > V(LOWV),
IO(OUT)
(1)
Output current range
100
1000
mA
VIN – VI(BAT) > V(DO–MAX)
Voltage on ISET pin, VCC ≥ 4.5 V,
bq24010,
VIN ≥ 4.5 V, VI(BAT) > V(LOWV),
bq24012,
2.45
2.50
2.55
V
VIN – VI(BAT) > V(DO–MAX), VO(REG) = 4.2 V
bq24013,
V(SET)
Output current set voltage
bq24014
bq24018
2.548
2.6
2.652
V
50 mA
≤ I
O(OUT) ≤ 1000 mA, VI(ISET) ≥ V(TAPER)
315
335
355
K(SET)
Output current set factor
10 mA
≤ I
O(OUT) < 50 mA, VI(ISET) ≥ V(TAPER)
315
372
430
10 mA
≤ I
O(OUT) < 50 mA, VI(ISET) < V(TAPER)
350
1000
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge transition
Voltage on BAT pin
V(LOWV)
2.80
2.95
3.10
V
threshold
Precharge to short-charge transition
Voltage on BAT pin
V(SC)
1
1.4
1.8
V
threshold
IO(PRECHG)
(2)
Precharge range
V(SC) < VI(BAT) < V(LOWV), t < t(PRECHG)
10
100
mV
V(PRECHG)
Precharge set voltage
Voltage on ISET pin, V(SC) < VI(BAT) < V(LOWV)
225
250
280
mV
ISC
Short circuit current
V(SC) > VI(BAT)
660
900
1200
μA
CHARGE TAPER AND TERMINATION DETECTION
I(TAPER)
(3)
Charge taper detection range
VI(BAT) > V(RCH), t < t(TAPER)
10
100
mA
Voltage on ISET pin, VI(BAT) > V(RCH), t < t(TAPER),
V(TAPER)
Charge taper detection set voltage
225
250
275
mV
VI(BAT) = VO(REG)
Voltage on ISET pin, VI(BAT) = VO(REG),
V(TERM)
Charge termination detection set voltage
5
17.5
50.0
mV
VI(BAT) >V(RCH),I(TERM) = K(SET)
נ
V(TERM) /R(SET)
TEMPERATURE COMPARATOR
V(TS1)
Lower threshold
Voltage on TS pin
29
30
31
V(TS2)
Upper threshold
Voltage on TS pin
60
61
62
%VCC
Hysteresis
1
3
Submit Documentation Feedback


Similar Part No. - BQ24014DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24014DRCR TI-BQ24014DRCR Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24014DRCR TI1-BQ24014DRCR Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24014DRCRG4 TI-BQ24014DRCRG4 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24014DRCRG4 TI1-BQ24014DRCRG4 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
More results

Similar Description - BQ24014DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com