Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB6020ZQE Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB6020ZQE
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020ZQE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB6020ZQE Datasheet HTML 4Page - Texas Instruments TUSB6020ZQE Datasheet HTML 5Page - Texas Instruments TUSB6020ZQE Datasheet HTML 6Page - Texas Instruments TUSB6020ZQE Datasheet HTML 7Page - Texas Instruments TUSB6020ZQE Datasheet HTML 8Page - Texas Instruments TUSB6020ZQE Datasheet HTML 9Page - Texas Instruments TUSB6020ZQE Datasheet HTML 10Page - Texas Instruments TUSB6020ZQE Datasheet HTML 11Page - Texas Instruments TUSB6020ZQE Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.ti.com
Vbat
Ext. Pwr. Mgmt: Vio (1.8 V)
Ext Host: GPIOn
TPS65030: EN2 (3.3 V, 1.5 V)
TUSB6020: CPEN
TPS65030: EN1 (5 V)
TUSB6020: SWEN
TPS65030: SW_EN (Vbat/Vbus)
TPS65030: Pgood
TUSB6020: RSTn
TPS65030: Vout3 (1.5 V)
TPS65030: Vout2 (3.3 V)
TUSB6020: INT
Ext Host: ExtInt/GPIOn
TUSB6020: IO Interface Status
TUSB6020: GPIO7 (Host Mode
Select) TPS65030: TEST
TUSB6020: GPIO6
(Reference Clock Select)
Signal state cannot be ensured.
Signal state is stable and valid.
NOTE: Host mode and reference clock source selection is latched on RSTn rising edge. No external components are required to select NOR flash host mode
and CLKIN as a reference clock source.
Pulled down by Host Processor
internal pulldown resistor
Ext. Host GPIOn configured as output
Ext. Host GPIOn
enabled by SW
IOINTERFACEISNOT INITIALIZED
IOINTERFACEISINITIALIZED
Pulled up by TUSB6020 GPIO7 internal pullup resistor (NOR FLASH Mode is selected)
Pulled up by TUSB6020 GPIO6 internal pullup resistor (CLKIN is selected reference clock source)
Pulled high by TUSB6020
internal pullup
TUSB6020 sets INT low to
indicate device is reday
DEVICE PEAK POWER CONSUMPTION ESTIMATE
INPUT CLOCK REQUIREMENTS
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
APPLICATION INFORMATION (continued)
Figure 1. System Power-Up Sequence
POWER SUPPLY
RESET STATE
NORMAL STATE
IDLE(1)
1.5 V
25 mA
110 mA
25 mA if XI is used as reference clock source
1.8 V
60 mA
80
μA
18 mA if CLKIN is used as reference clock source
3.3 V
10 mA
22 mA
(1)
In the idle state, device power consumption, including the companion power-management device (TPS65030), should not exceed
100
μA.
PARAMETER
VALUE
Normal clock frequency
19.200, 24.000, or 48.000 MHz
Frequency accuracy
±100 ppm
Minimum rise/fall time
5 ns (10% to 90%)
Voltage level
1.8 V
Input clock type
Square wave
Duty cycle
40% to 60%
Input capacitance loading
4 pF
–95 dBc at 1 MHz
Jitter
–120 dBc at 100 MHz
8
Submit Documentation Feedback


Similar Part No. - TUSB6020ZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6020ZQE TI-TUSB6020ZQE Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6020ZQER TI-TUSB6020ZQER Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
More results

Similar Description - TUSB6020ZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6010B TI1-TUSB6010B Datasheet
544Kb / 7P
[Old version datasheet]   USB2.0 High Speed (HS) On-the-Go (OTG) Dual Role Controller
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
   On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com