Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF31 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SF31
Description  3.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF31 Datasheet(HTML) 4 Page - Won-Top Electronics

  SF31_06 Datasheet HTML 1Page - Won-Top Electronics SF31_06 Datasheet HTML 2Page - Won-Top Electronics SF31_06 Datasheet HTML 3Page - Won-Top Electronics SF31_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SF31 – SF37
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SF31-T3
DO-201AD
1200/Tape & Reel
SF31-TB
DO-201AD
1200/Tape & Box
SF31
DO-201AD
500 Units/Box
SF32-T3
DO-201AD
1200/Tape & Reel
SF32-TB
DO-201AD
1200/Tape & Box
SF32
DO-201AD
500 Units/Box
SF33-T3
DO-201AD
1200/Tape & Reel
SF33-TB
DO-201AD
1200/Tape & Box
SF33
DO-201AD
500 Units/Box
SF34-T3
DO-201AD
1200/Tape & Reel
SF34-TB
DO-201AD
1200/Tape & Box
SF34
DO-201AD
500 Units/Box
SF35-T3
DO-201AD
1200/Tape & Reel
SF35-TB
DO-201AD
1200/Tape & Box
SF35
DO-201AD
500 Units/Box
SF36-T3
DO-201AD
1200/Tape & Reel
SF36-TB
DO-201AD
1200/Tape & Box
SF36
DO-201AD
500 Units/Box
SF37-T3
DO-201AD
1200/Tape & Reel
SF37-TB
DO-201AD
1200/Tape & Box
SF37
DO-201AD
500 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SF31-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SF31_06

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
SF3100A-AS SOSHIN-SF3100A-AS Datasheet
91Kb / 2P
   3-phase 3-line 250VAC
SF3100C-JQ SOSHIN-SF3100C-JQ Datasheet
221Kb / 3P
   3-phase 3-line 500VAC Wide range high attenuation Type
logo
EIC discrete Semiconduc...
SF31 EIC-SF31_05 Datasheet
40Kb / 2P
   SUPER FAST RECTIFIER DIODES
More results

Similar Description - SF31_06

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ES3AF ZSELEC-ES3AF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER3A WTE-ER3A_06 Datasheet
48Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES3ABF ZSELEC-ES3ABF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER3A ZSELEC-ER3A Datasheet
114Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES3A ZSELEC-ES3A Datasheet
126Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SF30AG ZSELEC-SF30AG Datasheet
144Kb / 2P
   3.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF31G ZSELEC-SF31G Datasheet
124Kb / 2P
   3.0A SUPERFAST GLASS PASSVITED RECTIFIER
31DF4 ZSELEC-31DF4 Datasheet
194Kb / 2P
   3.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Won-Top Electronics
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
SF21 WTE-SF21_06 Datasheet
58Kb / 4P
   2.0A SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com