Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1035-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SD1035-T3
Description  10A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SD1035-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  SD1035-T3 Datasheet HTML 1Page - Won-Top Electronics SD1035-T3 Datasheet HTML 2Page - Won-Top Electronics SD1035-T3 Datasheet HTML 3Page - Won-Top Electronics SD1035-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD1030 – SD1045
1 of 4
© 2006 Won-Top Electronics
Pb
SD1030 – SD1045
10A SCHOTTKY BARRIER DIODE
Features
!" Schottky Barrier Chip
!" Guard Ring Die Construction for
Transient Protection
!" High Current Capability
A
B
A
!" Low Power Loss, High Efficiency
!" High Surge Current Capability
!" For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
D
Mechanical Data
!" Case: DO-201AD, Molded Plastic
!" Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!" Polarity: Cathode Band
!" Weight: 1.2 grams (approx.)
!" Mounting Position: Any
!" Marking: Type Number
!" Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SD1030
SD1035
SD1040
SD1045
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
V
Average Rectified Output Current
@TL = 100°C
(Note 1)
IO
10
A
Non-Repetitive Peak Forward Surge Current 10ms
Single sine-wave superimposed on rated load
(JEDEC Method)
IFSM
340
A
Forward Voltage
@IF = 10A
VFM
0.55
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
0.8
70
mA
Typical Junction Capacitance (Note 2)
Cj
900
pF
Typical Thermal Resistance (Note 1)
RθJL
8.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-201AD
Dim
Min
Max
A
25.4
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Similar Part No. - SD1035-T3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SD103 RECTRON-SD103 Datasheet
80Kb / 1P
   SCHOTTKY SWITCHING DIODE
logo
Dc Components
SD1030 DCCOM-SD1030 Datasheet
249Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Won-Top Electronics
SD1030 WTE-SD1030 Datasheet
68Kb / 4P
   10A SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SD1030CS PANJIT-SD1030CS Datasheet
34Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD1030CS PANJIT-SD1030CS Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD1035-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
10SQ030 ZSELEC-10SQ030 Datasheet
171Kb / 2P
   10A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SD1030 WTE-SD1030_08 Datasheet
68Kb / 4P
   10A SCHOTTKY BARRIER DIODE
logo
Renesas Technology Corp
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ_15 Datasheet
80Kb / 4P
   600V - 10A - Diode SiC Schottky Barrier Diode
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ Datasheet
169Kb / 4P
   600V - 10A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
logo
Zibo Seno Electronic En...
SB10T80L ZSELEC-SB10T80L Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR10T80L ZSELEC-SR10T80L Datasheet
264Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB1045L ZSELEC-SB1045L Datasheet
278Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR1045L ZSELEC-SR1045L Datasheet
228Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL10T80 ZSELEC-SL10T80 Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com