Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3524F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SG3524F
Description  SMPS control circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SG3524F Datasheet(HTML) 4 Page - NXP Semiconductors

  SG3524F Datasheet HTML 1Page - NXP Semiconductors SG3524F Datasheet HTML 2Page - NXP Semiconductors SG3524F Datasheet HTML 3Page - NXP Semiconductors SG3524F Datasheet HTML 4Page - NXP Semiconductors SG3524F Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
SG3524
SMPS control circuit
1994 Aug 31
4
TIMING CAPACITOR VALUE (C–)–(
µF)
10
5
3
2
1.0
0.5
0.3
.001 .002
.005
.01 .02
.05
1
SL00178
Figure 5. Output Stage Dead Time as a Function of the Timing
Capacitor Value
100
50
20
10
5
2
1
100
50
20
10
5
200 5001ms2ms
OSCILLATOR PERIOD (
µs)
SL00179
Figure 6. Oscillator Period
as a Function of RT and CT
FREQUENCY - (Hz)
80
60
40
20
0
10
100
1k
10k
100k
1M
10M
RL = RESISTANCE FROM
PIN 9 TO GND
RL = 30kΩ
RL = 100kΩ
RL = 1MΩ
RL = 30MΩ
RL = 300kΩ
SL00180
Figure 7. Amplifiers Open-Loop Gain as a Function of
Frequency and Loading on Pin 9
Oscillator
The oscillator in the SG3524 uses an external resistor (RT) to
establish a constant charging current into an external capacitor (CT).
While this uses more current than a series-connected RC, it
provides a linear ramp voltage on the capacitor which is also used
as a reference for the comparator. The charging current is equal to
3.6 V
÷ RT and should be kept within the approximate range of 30µA
to 2mA; i.e., 1.8k<RT<100k.
The range of values for CT also has limits as the discharge time of
CT determines the pulse-width of the oscillator output pulse. This
pulse is used (among other things) as a blanking pulse to both
outputs to insure that there is no possibility of having both outputs
on simultaneously during transitions. This output dead time
relationship is shown in Figure 5. A pulse width below approximately
0.5
µs may allow false triggering of one output by removing the
blanking pulse prior to the flip-flop’s reaching a stable state. If small
values of CT must be used, the pulse-width may still be expanded
by adding a shunt capacitance (
≅100pF) to ground at the oscillator
output. [(Note: Although the oscillator output is a convenient
oscilloscope sync input, the cable and input capacitance may
increase the blanking pulse-width slightly.)] Obviously, the upper
limit to the pulse width is determined by the maximum duty cycle
acceptable. Practical values of CT fall between 0.001 and 0.1 µF.
The oscillator period is approximately t=RTCT where t is in
microseconds when RT=Ω and CT=µF. The use of Figure 6 will allow
selection of RT and CT for a wide range of operating frequencies.
Note that for series regulator applications, the two outputs can be
connected in parallel for an effective 0-90% duty cycle and the
frequency of the oscillator is the frequency of the output. For
push-pull applications, the outputs are separated and the flip-flop
divides the frequency such that each output’s duty cycle is 0-45%
and the overall frequency is one-half that of the oscillator.
External Synchronization
If it is desired to synchronize the SG3524 to an external clock, a
pulse of
≅+3V may be applied to the oscillator output terminal with
RTCT set slightly greater than the clock period. The same
considerations of pulse-width apply. The impedance to ground at
this point is approximately 2k
Ω.
If two or more SG3524s must be synchronized together, one must
be designated as master with its RTCT set for the correct period.
The slaves should each have an RTCT set for approximately 10%
longer period than the master with the added requirement that
CT(slave)=one-half CT (master). Then connecting Pin 3 on all units
together will insure that the master output pulse—which occurs first
and has a wider pulse width—will reset the slave units.
Error Amplifier
This circuit is a simple differential input transconductance amplifier.
The output is the compensation terminal, Pin 9, which is a
high-impedance node (RL≅ 5MΩ). The gain is
A
V + gMRL +
8 I
C RL
2kT
[ 0.002R
L
and can easily be reduced from a nominal of 10,000 by an external
shunt resistance from Pin 9 to ground, as shown in Figure 7.
In addition to DC gain control, the compensation terminal is also the
place for AC phase compensation. The frequency response curves
of Figure 7 show the uncompensated amplifier with a single pole at
approximately 200Hz and a unity gain crossover at 5MHz.
Typically, most output filter designs will introduce one or more
additional poles at a significantly lower frequency. Therefore, the
best stabilizing network is a series RC combination between Pin 9
and ground which introduces a zero to cancel one of the output filter
poles. A good starting point is 50k
Ω plus 0.001µF.


Similar Part No. - SG3524F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG3524 TI-SG3524 Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
Linear Technology
SG3524 LINER-SG3524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG3524 MICROSEMI-SG3524 Datasheet
82Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
551Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - SG3524F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2581 PHILIPS-TDA2581 Datasheet
341Kb / 7P
   Control circuit for SMPS
September 1978
TDA1060 PHILIPS-TDA1060 Datasheet
373Kb / 15P
   CONTROL CIRCUIT FOR SMPS
February 1986
logo
Comset Semiconductor
TDA1060N COMSET-TDA1060N Datasheet
67Kb / 3P
   CONTROL CIRCUIT FOR SMPS
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com