Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3524F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SG3524F
Description  SMPS control circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SG3524F Datasheet(HTML) 2 Page - NXP Semiconductors

  SG3524F Datasheet HTML 1Page - NXP Semiconductors SG3524F Datasheet HTML 2Page - NXP Semiconductors SG3524F Datasheet HTML 3Page - NXP Semiconductors SG3524F Datasheet HTML 4Page - NXP Semiconductors SG3524F Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
SG3524
SMPS control circuit
1994 Aug 31
2
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VIN
Input voltage
40
V
IOUT
Output current (each output)
100
mA
IREF
Reference output current
50
mA
Oscillator charging current
5
mA
PD
Power dissipation
Package limitation
1000
mW
Derate above 25
°C
8
mW/
°C
TA
Operating temperature range
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
DC ELECTRICAL CHARACTERISTICS
TA=0°C to +70°C, VIN=20V, and f=20kHz, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Reference section
VOUT
Output voltage
4.6
5.0
5.4
V
Line regulation
VIN=8 to 40V
10
30
mV
Load regulation
IL=0 to 20mA
20
50
mV
Ripple rejection
f=120Hz, TA=25°C
66
dB
ISC
Short circuit current limit
VREF=0, TA=25°C
100
mA
Temperature stability
Over operating temperature range
0.3
1
%
Long-term stability
TA=25°C
20
mV/kHz
Oscillator section
fMAX
Maximum frequency
CT=0.001 µF, RT=2kΩ
300
kHz
Initial accuracy
RT and CT constant
5
%
Voltage stability
VIN=8 to 40V, TA=25°C
1
%
Temperature stability
Over operating temperature range
2
%
Output amplitude
Pin 3, TA=25°C
3.5
VP
Output pulse width
CT=0.01 µF, TA=25°C
0.5
µs
Error amplifier section
VOS
Input offset voltage
VCM=2.5V
2
10
mV
IBIAS
Input bias current
VCM=2.5V
2
10
µA
Open-loop voltage gain
68
80
dB
VCM
Common-mode voltage
TA=25°C
1.8
3.4
V
CMRR
Common-mode rejection ratio
TA=25°C
70
dB
BW
Small-signal bandwidth
AV=0dB, TA=25°C
3
MHz
VOUT
Output voltage
TA=25°C
0.5
3.8
V
Comparator section
Duty cycle
% each output “ON”
0
45
%
Input threshold
Zero duty cycle
1
V
Input threshold
Maximum duty cycle
3.5
V
IBIAS
Input bias current
1
µA
Current limiting section
Sense voltage
Pin 9=2V with error amplifier set for maximum out,
TA=25°C
180
200
220
mV
Sense voltage T.C.
0.2
mV/
°C
VCM
Common-mode voltage
-1
+1
V


Similar Part No. - SG3524F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG3524 TI-SG3524 Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
Linear Technology
SG3524 LINER-SG3524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG3524 MICROSEMI-SG3524 Datasheet
82Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
551Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - SG3524F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2581 PHILIPS-TDA2581 Datasheet
341Kb / 7P
   Control circuit for SMPS
September 1978
TDA1060 PHILIPS-TDA1060 Datasheet
373Kb / 15P
   CONTROL CIRCUIT FOR SMPS
February 1986
logo
Comset Semiconductor
TDA1060N COMSET-TDA1060N Datasheet
67Kb / 3P
   CONTROL CIRCUIT FOR SMPS
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com