Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCN2661BC1F28 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SCN2661BC1F28
Description  Enhanced programmable communications interface EPCI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2661BC1F28 Datasheet(HTML) 1 Page - NXP Semiconductors

  SCN2661BC1F28 Datasheet HTML 1Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 2Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 3Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 4Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 5Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 6Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 7Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 8Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Philips Semiconductors
Product specification
SCN2661/SCN68661
Enhanced programmable communications
interface (EPCI)
1
1994 Apr 27
853-1070 12793
DESCRIPTION
The Philips Semiconductors SCN2661 EPCI is a universal
synchronous/asynchronous data communications controller chip
that is an enhanced version of the SCN2651. It interfaces easily to
all 8-bit and 16-bit microprocessors and may be used in a polled or
interrupt driven system environment. The SCN2661 accepts
programmed instructions from the microprocessor while supporting
many serial data communications disciplines —synchronous and
asynchronous — in the full- or half-duplex mode. Special support
for BISYNC is provided.
The EPCI serializes parallel data characters received from the
microprocessor for transmission. Simultaneously, it can receive
serial data and convert it into parallel data characters for input to the
microcomputer.
The SCN2661 contains a baud rate generator which can be
programmed to either accept an external clock or to generate
internal transmit or receive clocks. Sixteen different baud rates can
be selected under program control when operating in the internal
clock mode. Each version of the EPCI (A, B, C) has a different set
of baud rates.
FEATURES
Synchronous operation
– 5- to 8-bit characters plus parity
– Single or double SYN operation
– Internal or external character synchronization
– Transparent or non-transparent mode
– Transparent mode DLE stuffing (Tx) and detection (Rx)
– Automatic SYN or DLE-SYN insertion SYN, DLE and DLESYN
stripping
– Odd, even, or no parity
– Local or remote maintenance loopback mode
– Baud rate: DC to 1Mbps (1X clock)
Asynchronous operation
– 5- to 8-bit characters plus parity
– 1, 1-1/2 or 2 stop bits transmitted
– Odd, even, or no parity
– Parity, overrun and framing error detection
– Line break detection and generation
– False start bit detection
– Automatic serial echo mode (echoplex)
– Local or remote maintenance loopback mode
– Baud rate: DC to 1Mbps
(1X clock)
DC to 62.5kbps (16X clock)
DC to 15.625kbps
(64X clock)
OTHER FEATURES
Internal or external baud rate clock
3 baud rate sets
16 internal rates for each set
Double-buffered transmitter and receiver
PIN CONFIGURATIONS
D1
D0
VCC
RxC/BKDET
DTR
RTS
DSR
RESET
BRCLK
TxD
TxEMT/DSCHG
CTS
DCD
TxRDY
RxRDY
R/W
A0
CE
A1
TxC/XSYNC
D7
D6
D5
D4
GND
RxD
D3
D2
DIP
PLCC
INDEX
CORNER
TOP VIEW
NOTE:
Pin Functions the same as 28-pin DIP.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
26
25
19
18
12
11
5
4
1
SD00077
Dynamic character length switching
Full- or half-duplex operation
TTL compatible inputs and outputs
RxC and TxC pins are short-circuit protected
Single +5V power supply
No system clock required
APPLICATIONS
Intelligent terminals
Network processors
Front-end processors
Remote data concentrators
Computer-to-computer links
Serial peripherals
BISYNC adaptors


Similar Part No. - SCN2661BC1F28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2651CC1N28 PHILIPS-SCN2651CC1N28 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN2661BC1F28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
   Enhanced Programmable Communication Interface EPCI
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
logo
Toshiba Semiconductor
TMP68661 TOSHIBA-TMP68661 Datasheet
1Mb / 35P
   The TMP68661 enhanced programmable communications interface is a universal sychoronous/asynchronous data..
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
   Communications Interface
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com