Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC68692E1A44 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCC68692E1A44
Description  Dual asynchronous receiver/transmitter DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68692E1A44 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCC68692E1A44 Datasheet HTML 1Page - NXP Semiconductors SCC68692E1A44 Datasheet HTML 2Page - NXP Semiconductors SCC68692E1A44 Datasheet HTML 3Page - NXP Semiconductors SCC68692E1A44 Datasheet HTML 4Page - NXP Semiconductors SCC68692E1A44 Datasheet HTML 5Page - NXP Semiconductors SCC68692E1A44 Datasheet HTML 6Page - NXP Semiconductors SCC68692E1A44 Datasheet HTML 7Page - NXP Semiconductors SCC68692E1A44 Datasheet HTML 8Page - NXP Semiconductors SCC68692E1A44 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Philips Semiconductors
Product specification
SCC68692
Dual asynchronous receiver/transmitter (DUART)
2
1998 Sep 04
853–0977 19971
DESCRIPTION
The Philips Semiconductors SCC68692 Dual Universal
Asynchronous Receiver/Transmitter (DUART) is compatible with
SCN68681. It is a single-chip CMOS-LSI communications device
that provides two full-duplex asynchronous receiver/transmitter
channels in a single package. It is compatible with other S68000
family devices and can also interface easily with other
microprocessors. The DUART can be used in a polled or interrupt
driven systems.
The operating mode and data format of each channel can be
programmed independently. Additionally, each receiver and
transmitter can select its operating speed as one of eighteen fixed
baud rates, a 16X clock derived from a programmable counter/timer,
or an external 1X or 16X clock. The baud rate generator and
counter/timer can operate directly from a crystal or from external
clock inputs. The ability to independently program the operating
speed of the receiver and transmitter make the DUART particularly
attractive for dual-speed channel applications such as clustered
terminal systems.
Each receiver is quadruple buffered to minimize the potential of
receiver over-run or to reduce interrupt overhead in interrupt driven
systems. In addition, a flow control capability is provided to disable
a remote DUART transmitter when the receiver buffer is full.
Also provided on the SCC68692 are a multipurpose 6-bit input port
and a multipurpose 8-bit output port. These can be used as general
purpose I/O ports or can be assigned specific functions (such as
clock inputs or status/interrupt outputs) under program control.
FEATURES
S68000 bus compatible
Dual full-duplex asynchronous receiver/transmitters
Quadruple buffered receiver data register
Programmable data format:
– 5 to 8 data bits plus parity
– Odd, even, no parity or force parity
– 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
16-bit programmable Counter/Timer
Programmable baud rate for each receiver and transmitter
selectable from:
– 22 fixed rates: 50 to 115.2k baud
– Non-standard rates to 115.2kb
– Non-standard user-defined rate derived from programmable
counter/timer
– External 1X or 16X clock
Parity, framing, and overrun error detection
False start bit detection
Line break detection and generation
Programmable channel mode
– Normal (full-duplex)
– Automatic echo
– Local loopback
– Remote loopback
– Multidrop mode (also called ‘wake-up’ or ‘9-bit’)
Multi-function 6-bit input port
– Can serve as clock or control inputs
– Change of state detection on four inputs
– Inputs have typically >100k pull-up resistors
Multi-function 8-bit output port
– Individual bit set/reset capability
– Outputs can be programmed to be status/interrupt signals
Versatile interrupt system
– Single interrupt output with eight maskable interrupting
conditions
– Interrupt vector output on interrupt acknowledge
– Output port can be configured to provide a total of up to six
separate wire-ORable interrupt outputs
Maximum data transfer rates: 1X – 1MB/sec, 16X – 125kB/sec
Automatic wake-up mode for multidrop applications
Start-end break interrupt/status
Detects break which originates in the middle of a character
On-chip crystal oscillator
Power down mode
Receiver timeout mode
Commercial and Industrial temperature range versions
TTL compatible
Single +5V power supply
ORDERING INFORMATION
COMMERCIAL
INDUSTRIAL
DESCRIPTION
VCC = +5V +10%,
TA = 0 to +70°C
VCC = +5V +10%,
TA = -40 to +85°C
DWG #
40-Pin (600 mils wide) Ceramic Dual In-Line Package (Cerdip)
SCC68692C1F40
SCC68692E1F40
0590B
40-Pin (600 mils wide) Plastic Dual In-Line Package (DIP)
SCC68692C1N40
SCC68692E1N40
SOT129-1
44-Pin Plastic Leaded Chip Carrier (PLCC)
SCC68692C1A44
SCC68692E1A44
SOT187-2


Similar Part No. - SCC68692E1A44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCC68681C1A44 PHILIPS-SCC68681C1A44 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCC68681C1N40 PHILIPS-SCC68681C1N40 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCC68681E1A44 PHILIPS-SCC68681E1A44 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCC68681E1N40 PHILIPS-SCC68681E1N40 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
More results

Similar Description - SCC68692E1A44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com