Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1040 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB1040
Description  10A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1040 Datasheet(HTML) 1 Page - Won-Top Electronics

  SB1040 Datasheet HTML 1Page - Won-Top Electronics SB1040 Datasheet HTML 2Page - Won-Top Electronics SB1040 Datasheet HTML 3Page - Won-Top Electronics SB1040 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB1020 – SB10100
1 of 4
© 2006 Won-Top Electronics
Pb
SB1020 – SB10100
10A SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
3
                D
Mechanical Data
F
E
!
Case: TO-220A, Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
H
L
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 +
+
J
PIN 3 -
Case
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
1020
SB
1030
SB
1040
SB
1045
SB
1050
SB
1060
SB
1080
SB
10100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
45
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
32
35
42
56
70
V
Average Rectified Output Current @TL = 95°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 10A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Typical Thermal Resistance (Note 2)
RJC
2.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WTE
POWER SEMICONDUCTORS
TO-220A
Dim
Min
Max
A
13.90
15.90
B
9.80
10.70
C
2.54
3.43
D
3.56
4.56
E
12.70
14.73
F
0.51
0.96
G
3.55 Ø
4.09 Ø
H
5.75
6.85
I
4.16
5.00
J
2.03
2.92
K
0.30
0.65
L
1.14
1.40
P
4.83
5.33
All Dimensions in mm


Similar Part No. - SB1040

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1040 PANJIT-SB1040 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1040 TRSYS-SB1040 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1040 WTE-SB1040 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1040 PANJIT-SB1040 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1040 PACELEADER-SB1040 Datasheet
289Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1040

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1030 DIODES-MBR1030 Datasheet
56Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com