Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ30CA Datasheet(PDF) 3 Page - Won-Top Electronics

Part # P4SMAJ30CA
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P4SMAJ30CA Datasheet(HTML) 3 Page - Won-Top Electronics

  P4SMAJ30CA Datasheet HTML 1Page - Won-Top Electronics P4SMAJ30CA Datasheet HTML 2Page - Won-Top Electronics P4SMAJ30CA Datasheet HTML 3Page - Won-Top Electronics P4SMAJ30CA Datasheet HTML 4Page - Won-Top Electronics P4SMAJ30CA Datasheet HTML 5Page - Won-Top Electronics P4SMAJ30CA Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P4SMAJ SERIES
3 of 6
© 2006 Won-Top Electronics
UNI-DIRECTIONAL 400 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P4SMAJ5.0
P4SMAJ5.0A
P4SMAJ6.0
P4SMAJ6.0A
HD
HE
HF
HG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
41.6
43.5
35.1
38.8
800
800
800
800
P4SMAJ6.5
P4SMAJ6.5A
P4SMAJ7.0
P4SMAJ7.0A
HH
HK
HL
HM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
32.5
35.7
30.1
33.3
500
500
200
200
P4SMAJ7.5
P4SMAJ7.5A
P4SMAJ8.0
P4SMAJ8.0A
HN
HP
HQ
HR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
28.0
31.0
26.5
29.4
100
100
50
50
P4SMAJ8.5
P4SMAJ8.5A
P4SMAJ9.0
P4SMAJ9.0A
HS
HT
HU
HV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
25.1
27.7
23.6
26.0
10
10
5
5
P4SMAJ10
P4SMAJ10A
P4SMAJ11
P4SMAJ11A
HW
HX
HY
HZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
21.2
23.5
20.0
22.0
1
1
1
1
P4SMAJ12
P4SMAJ12A
P4SMAJ13
P4SMAJ13A
ID
IE
IF
IG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
18.1
20.1
16.8
18.6
1
1
1
1
P4SMAJ14
P4SMAJ14A
P4SMAJ15
P4SMAJ15A
IH
IK
IL
IM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
15.5
17.2
14.8
16.4
1
1
1
1
P4SMAJ16
P4SMAJ16A
P4SMAJ17
P4SMAJ17A
IN
IP
IQ
IR
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
13.8
15.3
13.1
14.5
1
1
1
1
P4SMAJ18
P4SMAJ18A
P4SMAJ20
P4SMAJ20A
IS
IT
IU
IV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
12.4
13.7
11.1
12.3
1
1
1
1
P4SMAJ22
P4SMAJ22A
P4SMAJ24
P4SMAJ24A
IW
IX
IY
IZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
10.1
11.2
9.3
10.3
1
1
1
1
P4SMAJ26
P4SMAJ26A
P4SMAJ28
P4SMAJ28A
JD
JE
JF
JG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
8.6
9.5
8.0
8.8
1
1
1
1
P4SMAJ30
P4SMAJ30A
P4SMAJ33
P4SMAJ33A
JH
JK
JL
JM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
7.5
8.3
6.8
7.5
1
1
1
1
P4SMAJ36
P4SMAJ36A
P4SMAJ40
P4SMAJ40A
JN
JP
JQ
JR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
6.2
6.9
5.6
6.2
1
1
1
1
P4SMAJ43
P4SMAJ43A
P4SMAJ45
P4SMAJ45A
JS
JT
JU
JV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.7
69.4
80.3
72.7
5.2
5.7
5.0
5.5
1
1
1
1
P4SMAJ48
P4SMAJ48A
P4SMAJ51
P4SMAJ51A
JW
JX
JY
JZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
4.7
5.2
4.4
4.9
1
1
1
1
P4SMAJ54
P4SMAJ54A
P4SMAJ58
P4SMAJ58A
RD
RE
RF
RG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
4.2
4.6
3.9
4.3
1
1
1
1
P4SMAJ60
P4SMAJ60A
P4SMAJ64
P4SMAJ64A
RH
RK
RL
RM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
3.7
4.1
3.5
3.9
1
1
1
1
P4SMAJ70
P4SMAJ70A
P4SMAJ75
P4SMAJ75A
RN
RP
RQ
RR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
3.2
3.5
3.0
3.3
1
1
1
1
P4SMAJ78
P4SMAJ78A
P4SMAJ85
P4SMAJ85A
RS
RT
RU
RV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
2.9
2.2
2.6
2.9
1
1
1
1
P4SMAJ90
P4SMAJ90A
P4SMAJ100
P4SMAJ100A
RW
RX
RY
RZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
2.5
2.7
2.2
2.5
1
1
1
1
P4SMAJ110
P4SMAJ110A
P4SMAJ120
P4SMAJ120A
SD
SE
SF
SG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
2.0
2.3
1.9
2.0
1
1
1
1
P4SMAJ130
P4SMAJ130A
P4SMAJ150
P4SMAJ150A
SH
SK
SL
SM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
268.0
243.0
1.7
1.9
1.5
1.6
1
1
1
1
P4SMAJ160
P4SMAJ160A
P4SMAJ170
P4SMAJ170A
SN
SP
SQ
SR
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
1.4
1.5
1.3
1.4
1
1
1
1


Similar Part No. - P4SMAJ30CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ30CA PANJIT-P4SMAJ30CA Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ30CA SURGE-P4SMAJ30CA Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ30CA TRSYS-P4SMAJ30CA Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ30CA PANJIT-P4SMAJ30CA Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Lunsure Electr...
P4SMAJ30CA CHENYI-P4SMAJ30CA Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
More results

Similar Description - P4SMAJ30CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com