Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C410C229Z2G5CA Datasheet(PDF) 9 Page - Kemet Corporation

Part # C410C229Z2G5CA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C229Z2G5CA Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C410C229Z2G5CA Datasheet HTML 5Page - Kemet Corporation C410C229Z2G5CA Datasheet HTML 6Page - Kemet Corporation C410C229Z2G5CA Datasheet HTML 7Page - Kemet Corporation C410C229Z2G5CA Datasheet HTML 8Page - Kemet Corporation C410C229Z2G5CA Datasheet HTML 9Page - Kemet Corporation C410C229Z2G5CA Datasheet HTML 10Page - Kemet Corporation C410C229Z2G5CA Datasheet HTML 11Page - Kemet Corporation C410C229Z2G5CA Datasheet HTML 12Page - Kemet Corporation C410C229Z2G5CA Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
S
C315
C320
C330
C340
C350
H
*
C333
H
*.276 (7.00) MIN.
S
C323
H
*
S
*
C317
C322
S
D
.060
(1.52)
MAX.
L
T
*
C330
H
DIMENSIONS — INCHES & MILLIMETERS
CASE
L
H
T
S(1)
D
SIZE
MAX.
MAX.
MAX.
±.030 (.78)
+.004 (.10)- .001 (.025)
C315
.150 (3.81)
.210 (5.33)
.130 (3.30)
.100 (2.54)
.020 (.51)
C317
.150 (3.81)
.230 (5.84)
.130 (3.30)
.200 (5.08)
.020 (.51)
C320
.200 (5.08)
.260 (6.60)
.150 (3.81)
.100 (2.54)
.020 (.51)
C322
.200 (5.08)
.260 (6.60)
.150 (3.81)
.200 (5.08)
.020 (.51)
C323
.200 (5.08)
.320 (8.13)
.150 (3.81)
.200 (5.08)
.020 (.51)
C330
.300 (7.62)
.360 (9.14)
.200 (5.08)
.200 (5.08)
.020 (.51)
C333
.300 (7.62)
.390 (9.91)
.200 (5.08)
.200 (5.08)
.020 (.51)
C340
.400 (10.16)
.460 (11.68)
.200 (5.08)
.200 (5.08)
.020 (.51)
C350
.500 (12.70)
.560 (14.22)
.250 (6.35)
.400 (10.16)
.025 (.64)
For packaging information, see pages 40, and 41.
M
102
320
T
5
C
A
R
1
C
CERAMIC
CASE SIZE
(See Table Above)
SPECIFICATION
C — Standard
CAPACITANCE, CODE
Expressed in Picofarads (pF)
First Two Digits — Significant Figures
Third Digit — Number of Zeros (Use 9 for 1.0
thru 9.9 pF. Example: 2.2pF — 229)
FAILURE RATE
INTERNAL
CONSTRUCTION
CAPACITANCE TOLERANCE
D —
±0.5 pF
F —
±1%
G —
±2%
J —
±5%
A — Not Applicable
K —
±10%
M —
±20%
Z — -20, +80%
TERMINATION MATERIAL
T — 100% Tin
H — SnPb
C — 100% Sn
(Not recommended for new design)
5 — Standard
DIELECTRIC
EIA Designation
G — C0G (NP0) — Ultra-Stab
le
R — X7R — Stable
U — Z5U — General Pur
pose
RATED VOLTAGE
2 — 200
1 — 100
5 —
50
C — 500
D —1000
*
*Part Number Example: C320C102M1R5CA (14 digits – no spaces)
P — 0%, +100%
F — 1500
G — 2000
Z — 2500
H — 3000
ORDERING INFORMATION
Drawings are not to scale. See table below for dimensions.
See page 10 for optional lead configurations.
STANDARD LEAD CONFIGURATION — OUTLINE DRAWINGS
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
9
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLDEN MAX”
NOTE: 1 inch = 25.4 mm.
NOTE: (1) Measured at seating plane.
Case
Size
L
Max.
H.
Max
Standard
T
Max.
High
Voltage
T Max.
S(1)
±.030 (.78)
D
+.004(.10)
-.001(.025)
C315
0.150 (3.81)
0.210 (5.33)
0.100
0.150
0.100 (2.54)
0.020 (.51)
C317
0.150 (3.81)
0.230 (5.84)
0.100
0.150
0.200 (5.08)
0.020 (.51)
C320
0.200 (5.08)
0.260 (6.60)
0.125
0.200
0.100 (2.54)
0.020 (.51)
C322
0.200 (5.08)
0.260 (6.60)
0.125
0.200
0.200 (5.08)
0.020 (.51)
C323
0.200 (5.08)
0.320 (8.13)
0.125
0.200
0.200 (5.08)
0.020 (.51)
C330
0.300 (7.62)
0.360 (9.14)
0.150
0.250
0.200 (5.08)
0.020 (.51)
C333
0.300 (7.62)
0.390 (9.91)
0.150
0.250
0.200 (5.08)
0.020 (.51)
C340
0.400 (10.16)
0.460 (11.68)
0.150
0.270
0.200 (5.08)
0.020 (.51)
C350
0.500 (12.70)
0.560 (14.22)
0.200
0.270
0.400 (10.16)
0.025 (.64)


Similar Part No. - C410C229Z2G5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C220J1G5TA KEMET-C410C220J1G5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 22 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C220J1G5TA7200 KEMET-C410C220J1G5TA7200 Datasheet
1Mb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C410C221J1G5TA7200 KEMET-C410C221J1G5TA7200 Datasheet
58Kb / 1P
   Ceramic, Commercial Grade, AxiMax, 220 pF, 5%, 100 V, C0G
C410C223M5U5TA7200 KEMET-C410C223M5U5TA7200 Datasheet
65Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 0.022 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
C410C224M5U5TA KEMET-C410C224M5U5TA Datasheet
58Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 0.22 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
More results

Similar Description - C410C229Z2G5CA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com